Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLGS635F Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLGS635F
Description  Langasite (LGS) SMD Crystal Resonator Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLGS635F Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLGS635F Datasheet HTML 1Page - Advanced XTAL Products AXLGS635F Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLGS635F
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 9398-34
D-74821 Mosbach
fax: +49 (6261) 9398-36
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLGS635F
Issue: 02
Date: 2005-07-15
Type :
Langasite (LGS)
SMD Crystal Resonator Unit
Parameter
min.
typ. max. Unit
Condition
Frequency range
10
29
MHz
Standard frequencies
MHz
Crystal cut
Rotated Y
Overtone
1
Load capacitance CL
See ordering code
pF
30 pF if not specified
Adjustment tolerance
-20
+20
ppm
@ 25°C
Frequency offset
ppm
Frequency stability
ppm
Overall (Note 1)
vs. temperature
in operation temperature range
-20
0
+52
+50
ppm
°C
See chart on page 2
long term (aging rate)
5
ppm
Resonance resistance Rr
15
Motional capacitance C1
40
150
fF
Static capacitance C0
7
pF
Drive level
100
µW
Drive level dependence (DLD)
According to
IEC 60444-6
Unwanted responses
2*Rr
f0 ~ f0+500 kHz
Insulation resistance
500
M
100 V DC
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C
Enclosure (see drawing)
SMD 6x3.5 (4-pad)
IEC 61837 DCC-4/06
Can height H
1,0
mm
marking
Part no.
Frequency
Date Code
TBD
Packing
Tape & reel
IEC 60286-3
Notes:
1.
Overall frequency stability = initial tolerance + temp. stability + aging (1
st year)
2.
Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated
3.
Measurement technique according to IEC 60444-5 or equivalent
Ordering Code:
Model (Specification)
Load capacitance*
[pF]
Frequency
[MHz]
AXLGS635F
20
10.000
*Series resonance: “S”


Similar Part No. - AXLGS635F

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLGS52F AXTAL-AXLGS52F Datasheet
67Kb / 2P
Langasite (LGS) - Crystal Resonator Unit
2005-07-15
More results

Similar Description - AXLGS635F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM49S ETC1-HCM49S Datasheet
24Kb / 1P
SMD CRYSTAL UNIT
logo
Advanced XTAL Products
AXLGS52F AXTAL-AXLGS52F Datasheet
67Kb / 2P
Langasite (LGS) - Crystal Resonator Unit
2005-07-15
AXGAP52F AXTAL-AXGAP52F Datasheet
67Kb / 2P
GaPO4 - Crystal Resonator Unit
2005-07-15
logo
Shenzhen Luguang Electr...
HCX-4SB LUGUANG-HCX-4SB Datasheet
415Kb / 8P
SMD Quartz Crystal Resonator
SMD7.0X5.0 LUGUANG-SMD7.0X5.0 Datasheet
423Kb / 8P
SMD Quartz Crystal Resonator
SMD2520 LUGUANG-SMD2520 Datasheet
318Kb / 8P
SMD Quartz Crystal Resonator
SMD5032 LUGUANG-SMD5032 Datasheet
474Kb / 8P
SMD Quartz Crystal Resonator
logo
Advanced XTAL Products
AXLCM610-AU AXTAL-AXLCM610-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
AXLCM620-AU AXTAL-AXLCM620-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com