Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUM4 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXUM4
Description  Quartz Crystal Unit UM-4 low profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXUM4 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXUM4 Datasheet HTML 1Page - Advanced XTAL Products AXUM4 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXUM4
www.axtal.com
Wasemweg 5
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 929836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Test
IEC 60068
Part ...
IEC 61178-1
clause ...
Test conditions
Visual inspection,
dimensions
4.5
4.6
Enclosure styles as in IEC
60122-3, if applicable
Sealing tests
2-17
4.8.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
4.8.3
Test Ta (235
± 5)°C Method 1
Test Tb Method 1A, 5s
Shock
2-27
4.8.8
Test Ea, 3 x per axes 100g, 6
ms half-sine pulse
Bump
2-29
4.8.6
Test Eb, 4000 bumps per
Axes, 40g, 6 ms
Free fall
2-32
4.8.9
Test Ed procedure 1,
2 drops from 1m height
Vibration,
sinusoidal
2-6
4.8.7
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz
- 1 kHz, 10g
Rapid change of
temperature
2-14
4.8.5
Test Na, 10 cycles at
extremes of operating
temperature range
Dry heat
2-2
4.8.11
Test Ba, 16 h at upper
temperature indicated by
climatic category
Damp heat, cyclic
2-30
4.8.12
Test Db variant 1 severity b),
55°C/95% r.H., 6 cycles
Cold
2-1
4.8.13
Test Aa, 2 h at lower
temperature indicated by
climatic category
Climatic sequence
1-7
4.8.14
Sequence of 4.8.11, 4.8.12
(1
st cycle), 4.8.13, 4.8.12 (5
cycles)
Damp heat, steady
state
2-3
4.8.15
Test Ca, 56 days
Endurance tests
- ageing
- extended aging
4.9.1
4.9.2
30 days @ 85°C
1000h, 2000h, 8000h @85°C
Ordering Code:
Type
Frequency
Load
capacitance
Mode
Adjustment
Tolerance
Freq. stability
over temperature
Package
Option
Packing
[MHz]
SR: Series
18: 18 pF
1:Fund
3, 5: OT
[±ppm]
Code :Table 1
J: Jacket/Clip
3: 3rd lead
B: Bulk
T&R: Tape& Reel
AXUM4
35.328
18
1
10
A3
J
T&R
Enclosure drawings
UM-4
UM-4 3
rd lead
UM-4 Jacket/Clip
Environmental conditions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com