Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDK-P-M Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # PDK-P-M
Description  QUARTZ PRESSURE TRANSDUCER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

PDK-P-M Datasheet(HTML) 1 Page - Advanced XTAL Products

  PDK-P-M Datasheet HTML 1Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.AXTAL.com
Wasemweg 5
page
1(1)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
99
A
Pressure signal output
V+
GND
Increased view A
2
4
3
1
QUARTZ PRESSURE TRANSDUCER PDK-P-M
APPLICATIONS
The quartz pressure transducer PDK-P-M provides precision pressure
measurement. The remarkable performance of these transducers is
achieved through the use of a precision quartz crystal resonator, whose
resonance frequency varies with pressure induced stress.
FEATURES
- Meteorological and barometric reference
- Pressure calibration equipment
- High accuracy pressure standard (0.06%FS)
-
Stainless steel case (probably manufacturing of the case from the titan)
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS of the base model
PARAMETERS
SPECIFICATIONS
AND REMARKS
UNITS
Pressure ranges P
from 0 to 0.06(8.7);
0.1(14.5); … 40(5800)
MPa
(PSI)
Operating temperature range
– 40 to + 80
°C
Accuracy
0.06; 0.1; 0.15
%FS
Temperature induced error in the operating temperature range
< ± 1
%
Resolution
0,02
%FS
Frequency output (pressure signal)
300 to 3000
Hz
Output amplitude (min.) to a load of 600 Ω
5
V
Current consumption
30
mA
Supply voltage
9 ~ 12
V
Size
Ø 57 x 99
mm
Weight
< 350
gm
Warranty period of maintenance
1
year
Warranty period of storage from the date of manufacture
10
year
During the warranty period of maintenance the repair of transducer is carried out by the manufacturer.
PACKAGE DIMENSIONS
UNITS: millimeters


Similar Part No. - PDK-P-M

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDK-25R-23G MERRIMAC-PDK-25R-23G Datasheet
64Kb / 1P
0 POWER DIVIDERS / COMBINERS
PDK-25R-25G MERRIMAC-PDK-25R-25G Datasheet
64Kb / 1P
0 POWER DIVIDERS / COMBINERS
PDK-45R-23G MERRIMAC-PDK-45R-23G Datasheet
63Kb / 1P
0 POWER DIVIDERS / COMBINERS
PDK-45R-29G MERRIMAC-PDK-45R-29G Datasheet
63Kb / 1P
0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDK-P-M

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
PDTK-P-M AXTAL-PDTK-P-M Datasheet
172Kb / 1P
QUARTZ PRESSURE AND TEMPERATURE TRANSDUCER
PTK-01 AXTAL-PTK-01 Datasheet
177Kb / 1P
QUARTZ TEMPERATURE TRANSDUCER
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
logo
Advanced XTAL Products
PDTK-P-MS AXTAL-PDTK-P-MS Datasheet
262Kb / 4P
Quartz Pressure and Temperature Transducer
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com