Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB72F71 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB72F71
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB72F71 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB72F71 Datasheet HTML 1Page - Ecliptek Corporation EB72F71 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB72F71
5 pin DIP
3.3V
OS2E
05/07
• Oven Controlled Crystal Oscillator (OCXO)
• AT-Cut Crystal
• HCMOS output
• 3.3V supply voltage
• 5 pin DIP package
• External control voltage
• Stability to ±80ppb
ELECTRICAL SPECIFICATIONS
OSCILLATOR
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range (OTR)
Storage Temperature Range
Supply Voltage (V
DD)
Frequency Tolerance / Stability
vs. Initial Tolerance
vs. Temperature Stability
vs. Vdd
vs. Load
vs. Aging (1 Day)
vs. Aging (1 Year)
vs. Aging (10 Years)
Crystal Cut
Warm Up Time
Power Consumption
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Frequency Deviation
Control Voltage Range
Control Voltage (V
C)
Transfer Function
Reference Voltage Output
Linearity
Input Impedance
Typical Phase Noise (at 12.800MHz)
at Nominal V
DD and VC, at 25°C
at Nominal V
DD and VC
V
DD ±5%
Vload ±5%
after 72 Hours of Operation
after 72 Hours of Operation
after 72 Hours of Operation
to ±500ppb of Final Frequency at 1 Hour at 25°C
at Steady State, at 25°C
During Warm Up, at 25°C
I
OH = -4mA
I
OL = +4mA
Measured at 20% to 80% of Waveform
Measured at 50% of Waveform
Referenced to F
O at VC = 1.65VDC; VDD=5.0VDC over OTR
1Hz Offset
10Hz Offset
100Hz Offset
1kHz Offset
10kHz Offset
0°C to 50°C, 0°C to 70°C, or -20°C to 70°C
-55°C to 125°C
3.3V
DC ±5%
±1.0ppm or ±500ppb Maximum
±80ppb, ±100ppb, ±200ppb, ±280ppb, or
±500ppb Maximum
±20ppb Maximum
±20ppb Maximum
±3.0ppb Maximum
±500ppb Maximum
±3.0ppm Maximum
AT-Cut
3 Minutes Maximum
1.2 Watts Maximum
3.6 Watts Maximum
2.6V
DC Minimum
0.4V
DC Maximum
6nSec Maximum
50 ±5(%)
15pF HCMOS Load Maximum
±5ppm Minimum
0.0V
DC to VDD
1.65V
DC ±1.65VDC
Positive Transfer Characteristic
2.8V
DC ±0.2VDC (Pin 4)
±10% Maximum
10kOhms Typical
-70dBc/Hz
-95dBc/Hz
-120dBc/Hz
-135dBc/Hz
-140dBc/Hz
EB72F71 Series
EB72F71
H 15.0
L 25.5
W 25.5
10.000MHz, 12.288MHz, 12.800MHz, 16.000MHz, 19.440MHz, or 20.000MHz


Similar Part No. - EB72F71

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB72F72 ECLIPTEK-EB72F72 Datasheet
108Kb / 2P
OSCILLATOR
EB72F72D03AV2-20.000M ECLIPTEK-EB72F72D03AV2-20.000M Datasheet
108Kb / 2P
OSCILLATOR
EB72F72D03AV2-20000M ECLIPTEK-EB72F72D03AV2-20000M Datasheet
108Kb / 2P
OSCILLATOR
EB72F72D03BV2-20.000M ECLIPTEK-EB72F72D03BV2-20.000M Datasheet
108Kb / 2P
OSCILLATOR
EB72F72D03BV2-20000M ECLIPTEK-EB72F72D03BV2-20000M Datasheet
108Kb / 2P
OSCILLATOR
More results

Similar Description - EB72F71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
EB15E2 ECLIPTEK-EB15E2 Datasheet
101Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com