Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LS4148
Description  Two Terminals Surface Mount Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LS4148 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LS4148 Datasheet HTML 1Page - TAITRON Components Incorporated LS4148 Datasheet HTML 2Page - TAITRON Components Incorporated LS4148 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2007-10-09
LS4148 LS4448
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-247-2232
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
TWO TERMINALS
SMD SWITCHING DIODES
Two Terminals Surface Mount Switching Diodes
Features
• Fast Switching Speed
• Surface Mount Package Ideally Suited for Automatic Insertion
• General Purpose Rectification
• Silicon Epitaxial Planar Construction
• RoHS compliant
Mechanical Data
Case:
QuadroMELF, Glass Case
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
0.05 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
LS4148
LS4448
Unit
Conditions
VRM
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
IF(AV)
Forward Average Current
150
mA
Valid provided that
electrodes are kept at
ambient temperature
IFSM
Peak Forward Surge Current,
Pulse Width=1.0us
2.0
A
PD
Power Dissipation above 25°C
500
mW
Min
---
0.62 @ 5mA
0.72 @ 5mA
VF
Forward
Voltage
Max
1.0 @ 10mA
1.0@100mA
V
0.025
0.025
VR=20V
IR
Max. Reverse Current
5.0
5.0
µA
VR=75V
CD
Diode Capacitance
4.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
4.0
ns
IF= 10mA,IR=1mA,
VR=6V,RL=100Ω
TJ,TSTG
Operating Junction and Storage
Temperature Range
-65 to +175
° C
QuadroMELF


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
TAITRON Components Inco...
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS Datasheet
226Kb / 5P
Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
Two Terminals SMD Switching Diodes
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
Two Terminals SMD Switching Diodes
LS4148 TAITRON-LS4148_12 Datasheet
346Kb / 5P
Two Terminals Surface Mount Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
Two Terminals SMD Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com