Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521R6TC Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 86Page - STMicroelectronics ST72F521R6TC Datasheet HTML 87Page - STMicroelectronics ST72F521R6TC Datasheet HTML 88Page - STMicroelectronics ST72F521R6TC Datasheet HTML 89Page - STMicroelectronics ST72F521R6TC Datasheet HTML 90Page - STMicroelectronics ST72F521R6TC Datasheet HTML 91Page - STMicroelectronics ST72F521R6TC Datasheet HTML 92Page - STMicroelectronics ST72F521R6TC Datasheet HTML 93Page - STMicroelectronics ST72F521R6TC Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 211 page
background image
ST72521
90/211
SERIAL PERIPHERAL INTERFACE (Cont’d)
10.5.3.1 Functional Description
A basic example of interconnections between a
single master and a single slave is illustrated in
Figure 54.
The MOSI pins are connected together and the
MISO pins are connected together. In this way
data is transferred serially between master and
slave (most significant bit first).
The communication is always initiated by the mas-
ter. When the master device transmits data to a
slave device via MOSI pin, the slave device re-
sponds by sending data to the master device via
the MISO pin. This implies full duplex communica-
tion with both data out and data in synchronized
with the same clock signal (which is provided by
the master device via the SCK pin).
To use a single data line, the MISO and MOSI pins
must be connected at each node ( in this case only
simplex communication is possible).
Four possible data/clock timing relationships may
be chosen (see Figure 57) but master and slave
must be programmed with the same timing mode.
Figure 54. Single Master/ Single Slave Application
8-BIT SHIFT REGISTER
SPI
CLOCK
GENERATOR
8-BIT SHIFT REGISTER
MISO
MOSI
MOSI
MISO
SCK
SCK
SLAVE
MASTER
SS
SS
+5V
MSBit
LSBit
MSBit
LSBit
Not used if SS is managed
by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com