Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521R6TC Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 103Page - STMicroelectronics ST72F521R6TC Datasheet HTML 104Page - STMicroelectronics ST72F521R6TC Datasheet HTML 105Page - STMicroelectronics ST72F521R6TC Datasheet HTML 106Page - STMicroelectronics ST72F521R6TC Datasheet HTML 107Page - STMicroelectronics ST72F521R6TC Datasheet HTML 108Page - STMicroelectronics ST72F521R6TC Datasheet HTML 109Page - STMicroelectronics ST72F521R6TC Datasheet HTML 110Page - STMicroelectronics ST72F521R6TC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 211 page
background image
ST72521
107/211
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
10.6.4.7 Parity Control
Parity control (generation of parity bit in trasmis-
sion and and parity chencking in reception) can be
enabled by setting the PCE bit in the SCICR1 reg-
ister. Depending on the frame length defined by
the M bit, the possible SCI frame formats are as
listed in Table 20.
Table 20. Frame Formats
Legend: SB = Start Bit, STB = Stop Bit,
PB = Parity Bit
Note: In case of wake up by an address mark, the
MSB bit of the data is taken into account and not
the parity bit
Even parity: the parity bit is calculated to obtain
an even number of “1s” inside the frame made of
the 7 or 8 LSB bits (depending on whether M is
equal to 0 or 1) and the parity bit.
Ex: data=00110101; 4 bits set => parity bit will be
0 if even parity is selected (PS bit = 0).
Odd parity: the parity bit is calculated to obtain an
odd number of “1s” inside the frame made of the 7
or 8 LSB bits (depending on whether M is equal to
0 or 1) and the parity bit.
Ex: data=00110101; 4 bits set => parity bit will be
1 if odd parity is selected (PS bit = 1).
Transmission mode: If the PCE bit is set then the
MSB bit of the data written in the data register is
not transmitted but is changed by the parity bit.
Reception mode: If the PCE bit is set then the in-
terface checks if the received data byte has an
even number of “1s” if even parity is selected
(PS=0) or an odd number of “1s” if odd parity is se-
lected (PS=1). If the parity check fails, the PE flag
is set in the SCISR register and an interrupt is gen-
erated if PIE is set in the SCICR1 register.
10.6.5 Low Power Modes
10.6.6 Interrupts
The SCI interrupt events are connected to the
same interrupt vector.
These events generate an interrupt if the corre-
sponding Enable Control Bit is set and the inter-
rupt mask in the CC register is reset (RIM instruc-
tion).
M bit
PCE bit
SCI frame
0
0
| SB | 8 bit data | STB |
0
1
| SB | 7-bit data | PB | STB |
1
0
| SB | 9-bit data | STB |
1
1
| SB | 8-bit data PB | STB |
Mode
Description
WAIT
No effect on SCI.
SCI interrupts cause the device to exit
from Wait mode.
HALT
SCI registers are frozen.
In Halt mode, the SCI stops transmit-
ting/receiving until Halt mode is exit-
ed.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Transmit Data Register
Empty
TDRE
TIE
Yes
No
Transmission Com-
plete
TC
TCIE
Yes
No
Received Data Ready
to be Read
RDRF
RIE
Yes
No
Overrun Error Detected
OR
Yes
No
Idle Line Detected
IDLE
ILIE
Yes
No
Parity Error
PE
PIE
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com