Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6M Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MB6M
Description  0.5A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB6M Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MB6M Datasheet HTML 1Page - TAITRON Components Incorporated MB6M Datasheet HTML 2Page - TAITRON Components Incorporated MB6M Datasheet HTML 3Page - TAITRON Components Incorporated MB6M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.5A Glass Passivated Bridge Rectifier
Rev. B/AH 2008-02-16
MB1M – MB10M
www.taitroncomponents.com
Page 2 of 4
Fig.1- Output Current Derating Curve
TA, Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
MB1M
MB2M
MB4M
MB6M
MB8M
MB10M
Unit
Conditions
5.0
µA
TA=25°C
IR
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
500
µA
TA=125°C
I²t
Rating for Fusing
(t<8.3ms)
3.73
A²s
CJ
Typical junction
capacitance per leg
25
pF
VR= 4V, f=1MHz
RthJA
85
RthJL
Typical Thermal
Resistance per leg
20
°C / W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C
Note: 1. Mounted on glass epoxy PC board with 1.3mm² solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm² solder pad.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com