Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB254G
Description  25A Single-Phase Glass Passived Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB254G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB254G Datasheet HTML 1Page - TAITRON Components Incorporated MB254G Datasheet HTML 2Page - TAITRON Components Incorporated MB254G Datasheet HTML 3Page - TAITRON Components Incorporated MB254G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
MB2505G – MB2510G
25A Single-Phase Glass
Passivated Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
25A Single-Phase Glass Passived Bridge Rectifier
Features
• Glass passivated chip junction
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Electrically Isolated Metal Case for
Max. Heat Dissipation
• Case to Terminal Isolation Voltage 2500V
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
KBPC (MB35) Metal case with faston lugs
Terminals:
Plated faston lugs
Polarity:
As marked on case
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
30 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB25
05G
MB25
1G
MB25
2G
MB25
4G
MB25
6G
MB25
8G
MB25
10G
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
25
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
300
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
MB35
(Metal Case)


Similar Part No. - MB254G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB254GW TAITRON-MB254GW Datasheet
144Kb / 4P
25A Single-Phase Glass Passivated Bridge Rectifier
More results

Similar Description - MB254G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC25S WTE-GBPC25S Datasheet
73Kb / 4P
25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505G TAITRON-MB1505G Datasheet
145Kb / 4P
15A Single-Phase Glass Passived Bridge Rectifier
MB2505GW TAITRON-MB2505GW Datasheet
144Kb / 4P
25A Single-Phase Glass Passivated Bridge Rectifier
MB3505G TAITRON-MB3505G Datasheet
145Kb / 4P
35A Single-Phase Glass Passived Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ25 NELLSEMI-GBJ25 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 25A
GBJ25H NELLSEMI-GBJ25H Datasheet
244Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25M NELLSEMI-GBPC25M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Naina Semiconductor ltd...
GBPC25 NAINA-GBPC25 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
GBPC2500 ZSELEC-GBPC2500 Datasheet
89Kb / 2P
25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC2500 ZSELEC-KBPC2500 Datasheet
387Kb / 2P
25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com