Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP13 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EP13
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EP13 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EP13 Datasheet HTML 1Page - Ecliptek Corporation EP13 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EP13
14 pin DIP
3.3V
OS44
12/05
EP13 Series
• RoHS Compliant (Pb-free)
• EPO™ Programmable Oscillators
• 3.3V supply voltage
• 14 pin DIP package
• HCMOS output
• Stability to 50ppm
• Custom lead length,
gull wing options available
OSCILLATOR
EP13
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
5.08
W 20.8
L 13.2
1.000MHz to 106.250MHz
-20°C to 70°C or -40°C to 85°C
-55°C to 125°C
3.3V
DC ±0.3VDC
28mA Maximum (Unloaded)
16mA Maximum (Pin 1=Ground)
20µA Maximum (Pin 1=Ground)
±100ppm or ±50ppm Maximum
V
DD-0.4VDC Minimum
I
OH=-8mA
0.4V
DC Maximum
I
OL=+8mA
4 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
30pF HCMOS Load Maximum
15pF HCMOS Load Maximum
Tri-State
Power Down
Enables Output
Disable Output: High Impedance
Disable Output: Logic Low
±5ppm / year Maximum
10 mSeconds Maximum
50pSec Maximum, 15pSec Typical
13pSec Maximum, 10pSec Typical
500pSec Maximum, 100pSec Typical
100pSec Maximum, 60pSec Typical
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Disable Current (TS Option)
Standby Current (PD Option)
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Output Control Function
Output Control Function Input Voltage
Aging (at 25°C)
Start Up Time
RMS Jitter
Peak to Peak Jitter
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
w/HCMOS Load
w/HCMOS Load
20% to 80% of waveform w/HCMOS Load
at 50% of waveform w/HCMOS Load
at 50% of waveform w/HCMOS Load (<50.000MHz Only)
<50.000MHz
>50.000MHz
T S
PD
V
IH: No Connection or >70% of VDD
V
IL: (TS Option) <20% of VDD
V
IL: (PD Option) <20% of VDD
<12.000MHz
>12.000MHz
<12.000MHz
>12.000MHz


Similar Part No. - EP13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP13 ETC2-EP13 Datasheet
24Kb / 1P
COUPLING TRANSFORMER SERIES EP
logo
YUXIANG Magnetc materia...
EP13 YUXIANG-EP13 Datasheet
105Kb / 2P
EP Core
logo
Ferroxcube Internationa...
EP13 FERROXCUBE-EP13 Datasheet
84Kb / 8P
EP cores and accessories
logo
Rhombus Industries Inc.
EP13 RHOMBUS-IND-EP13 Datasheet
36Kb / 1P
ADSL Line Interface Transformers
logo
Pulse A Technitrol Comp...
EP13 PULSE-EP13 Datasheet
1Mb / 3P
POWER MAGNETICS
More results

Similar Description - EP13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com