Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP15 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EP15
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EP15 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EP15 Datasheet HTML 1Page - Ecliptek Corporation EP15 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EP15
PLASTIC
3.3V
OS49
02/04
OSCILLATOR
EP15
EP15 Series
• EPO™ Programmable Oscillator
• 3.3V supply voltage
• HCMOS/TTL output
• Plastic surface mount package
• Stability to 50ppm
• Available on tape and reel
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
4.7
L 14.0
W
9.8
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of waveform
at 50% of waveform
at 50% of waveform (<50.000MHz Only)
<50.000MHz
>50.000MHz
T S
PD
V
IH: No Connection or
≥70% of V
DD
V
IL: (TS Option) <20% of VDD
V
IL: (PD Option) <20% of VDD
<33.000MHz
>33.000MHz
<33.000MHz
>33.000MHz
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Disable Current (TS Option)
Standby Current (PD Option)
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Output Control Function
Output Control Function Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
1.000MHz to 106.250MHz
-20°C to 70°C or -40°C to 85°C
-55°C to 125°C
3.3V
DC ±0.3VDC
28mA Maximum (Unloaded)
16mA Maximum (Pin 1=Ground)
20µA Maximum (Pin 1=Ground)
±100ppm or ±50ppm Maximum
V
DD-0.4VDC Minimum
I
OH=-8mA
0.4V
DC Maximum
I
OL=+8mA
4 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
30pF HCMOS Load Maximum
15pF HCMOS Load Maximum
Tri-State
Power Down
Enables Output
Disable Output: High Impedance
Disable Output: Logic Low
±5ppm / year Maximum
10 mSeconds Maximum
±250pSec Maximum, ±100pSec Typical
±125pSec Maximum, ±75pSec Typical
±50pSec Maximum
±40pSec Maximum


Similar Part No. - EP15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
EP1500 FSP-EP1500 Datasheet
66Kb / 1P
Boost and buck AVR for voltage stabilization
logo
PCA ELECTRONICS INC.
EP15163X PCA-EP15163X Datasheet
15Kb / 1P
Pulse Transformer
EP151686 PCA-EP151686 Datasheet
14Kb / 1P
Current Sense Transformers
EP151686 PCA-EP151686 Datasheet
22Kb / 1P
Current Sense Transformers
EP151687A PCA-EP151687A Datasheet
14Kb / 1P
Current Sense Transformers
More results

Similar Description - EP15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com