Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7291L4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7291L4
Description  8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7291L4 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7291L4 Datasheet HTML 1Page - STMicroelectronics ST7291L4 Datasheet HTML 2Page - STMicroelectronics ST7291L4 Datasheet HTML 3Page - STMicroelectronics ST7291L4 Datasheet HTML 4Page - STMicroelectronics ST7291L4 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
ST72E91L ST72T91L
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72E91 and ST72T91 devices form part of
the ST 7 family of Microcontrollers, designed and
produced by SGS-THOMSON Microelectronics
using an n-well proprietary HCMOS process. The
ST72E91 is equipped with internal EPROM mem-
ory and is available in windowed ceramic package,
whereas the ST72T91 OTP version is available in
a plastic package. The EPROM parts are fully
compatible with their ROM versions and the
present Datasheet will thus provide only informa-
tion specifically relating to the EPROM devices.
PLEASE REFER TO THE ST7291 DATASHEET
FOR THE ROM DEVICES FOR FULL DETAILS.
The ST72E91 is a user programmable and erasa-
ble device, best suited for development purposes.
The ST72T91 is a One-Time Programmable de-
vice (OTP) which offers the best cost/flexibility
trade-off for prototyping, pre-production and most
low to medium volume applications.
Both devices are based around an industry stand-
ard 8-bit core and offer an enhanced instruction
set. The processors will run at an 8MHz clock rate
with a 5V supply, and at up to 4MHz with a 3V
supply. Since the design is fully static, operation
down to DC is possible and the devices may be
placed in HALT or WAIT modes under program
control in order to reduce power requirements.
The powerful enhanced instruction set and ad-
dressing modes afford real programming potential.
In addition to standard 8-bit data management, the
ST72E91 and the ST72T91 feature true bit manip-
ulation, 8x8 unsigned multiplication and indirect
addressing modes. The devices include a CPU, an
on-chip oscillator, EPROM, RAM, I/O, and a timer
with output compare system.
Figure 2. ST72E91 Block Diagram
OSCILLATOR
PORT A
PORT B
CARRIER FREQ.
8 BIT CORE
PA0..PA7 (8-bit)
PB0..PB7 (8-bit)
PC0,PC1,PC5,PC6,PC7
PORT C
VDD
LOW VOLTAGE
DETECTOR
TIMER
SYSTEM
VPP
CONTR OL
Internal
CLOCK
EPROM/OTP
32K
RAM
256/384
GENERATOR
OSCout
OSCin
WKP
RESET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com