Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8WS Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # E8WS
Description  CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E8WS Datasheet(HTML) 2 Page - Ecliptek Corporation

  E8WS Datasheet HTML 1Page - Ecliptek Corporation E8WS Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARKING SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
E8WS
CERAMIC
CR57
08/07
PART NUMBERING GUIDE
E8WSDC 12 - 32.768K TR
LOAD CAPACITANCE
09=9pF
12=12.5pF
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
PARABOLIC TEMPERATURE CURVE
PACKAGE OPTIONS
Blank=Bulk, TR=Tape and Reel
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.5
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
18.4 MAX
180 MAX
12.4+2-0
3,000
REEL
A
B
C
D
E
12±.3
5.5±.1
4.75±.1
4 ±.2
2±.1
F
G
H
J
K
L
4±.1
A0*
1.5 ±.1
B0*
0.6 MAX
K0*
TAPE
SUGGESTED SOLDER PAD LAYOUTS
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Line 1: XXXXX
Ecliptek Manufacturing Code
*Compliant to EIA481A
3.2
±0.1
1.5
±0.1
0.8 ±0.1 (X2)
0.8
±0.1
1.8
±0.1
1
2
Pad Connections
1.0
(X2)
1.5
1.8
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Characteristic
Specification
Resistance to Soldering Heat
MIL-STD-202, Method 210
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com