Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST735 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST735
Description  -5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST735 Datasheet(HTML) 2 Page - STMicroelectronics

  ST735 Datasheet HTML 1Page - STMicroelectronics ST735 Datasheet HTML 2Page - STMicroelectronics ST735 Datasheet HTML 3Page - STMicroelectronics ST735 Datasheet HTML 4Page - STMicroelectronics ST735 Datasheet HTML 5Page - STMicroelectronics ST735 Datasheet HTML 6Page - STMicroelectronics ST735 Datasheet HTML 7Page - STMicroelectronics ST735 Datasheet HTML 8Page - STMicroelectronics ST735 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST735
2/9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage (VIN to GND)
-0.3 to +7
V
SHDN
Shutdown Voltage (SHDN to GND)
-0.3 to V++0.3
V
VLX
Switch Voltage (Lx to VIN)
-12.5 to +0.3
V
VFB
Feedback Voltage (VOUT to GND)
-11to+0.3
V
VOUT
Output Voltage (VOUT to GND)
-11to+0.3
V
Other Input Voltage (SS, CC to GND)
-0.3 to V++0.3
V
ILX
Peack Switch Current
2A
Ptot
Power Dissipation at Tj = 70°C
DIP-8
725
mW
SO-8
470
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
DIP-8
SO-8
Unit
Rthj-case
Thermal Resistance Junction-case
2
8
°C/W
Pin N°
Symbol
Name and Function
1
SHDN
SHUT-DOWN Control (VCC=ON GND=Shutdown
2VREF
Reference Output Voltage
3
SS
Soft Start
4
CC
Compensation Input
5VOUT
Negative Output Voltage
6
GND
Ground
7
LX
Switch Output
8VIN
Positive Supply - Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com