Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72631K2D0 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST72631K2D0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K2D0 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST72631K2D0 Datasheet HTML 93Page - STMicroelectronics ST72631K2D0 Datasheet HTML 94Page - STMicroelectronics ST72631K2D0 Datasheet HTML 95Page - STMicroelectronics ST72631K2D0 Datasheet HTML 96Page - STMicroelectronics ST72631K2D0 Datasheet HTML 97Page - STMicroelectronics ST72631K2D0 Datasheet HTML 98Page - STMicroelectronics ST72631K2D0 Datasheet HTML 99Page - STMicroelectronics ST72631K2D0 Datasheet HTML 100Page - STMicroelectronics ST72631K2D0 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
ST7263
97/109
7.5 I/O PORT CHARACTERISTICS
(T
A = 0 to +70°C unless otherwise specified)
All voltages are referred to VSS unless otherwise specified.
Note 1: Guaranteed by design, not tested in production.
Note 2: Data based on characterization results, not tested in production.
STANDARD I/O PORT PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Level Voltage Port A1,
Port A2 (High Current open drain)
IOL = -25mA VDD=5V
-
-
1.5
V
Output Low Level Voltage Port A0,
Port A(3:7), Port C(0:2), Push Pull
IOL = -1.6mA VDD=5V
-
-
0.4
V
Output Low Level Voltage Port B (0:7),
Push Pull
IOL = -10mA VDD=5V
-
-
1.3
V
VOH
Output High Level Voltage Port A0,
Port A(3:7), Port C(0:2) Push Pull
IOH = 1.6mA
VDD-0.8
-
-
V
VOH
Output High Level Voltage Port B (0:7)
Push Pull
IOH = 10mA
VDD-1.3
-
-
V
VIH
Input High Level Voltage
PA(0:7),PB(0:7),PC(0:2),RESET
Leading Edge
0.7xVDD
VDD
V
VIL
Input Low Voltage PA(0-7),
PB(0-7), PC(0-2), RESET
Trailing Edge
VSS
0.3xVDD
V
RPU
Pull-up resistor
VDD = 5V
80
100
120
k
Ω
CIO
I/O Pin Capacitance 1)
5pF
tf(IO)out
Output High to Low Level Fall Time
All I/O ports
CL=50pF
Between 10% and 90%
25 2)
ns
tr(IO)out
Output Low to High Level Rise Time
I/O ports in Push Pull mode
25 2)
ns
tr(IO)out
External Interrupt pulse time 1)
1tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com