Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPR2S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MFPR2S
Description  Surface Mount Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MFPR2S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MFPR2S Datasheet HTML 1Page - TAITRON Components Incorporated MFPR2S Datasheet HTML 2Page - TAITRON Components Incorporated MFPR2S Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B/WW
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
MFPR05S – MFPR10S
SURFACE MOUNT
FAST RECOVERY RECTIFIER
Surface Mount Fast Recovery Rectifier
Features
• Low leakage current
• For surface mounted applications
• Epoxy Molding Compound has UL Flammability
Classification 94V-0
• RoHS Compliance
MFP
Mechanical Data
Case:
MFP / MINI-SMA, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Indicated by cathode band
Mounting Position:
Any
Weight:
0.04 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
MFPR
MFPR
MFPR
MFPR
MFPR
MFPR
MFPR
Symbol
Description
05S
1S
2S
4S
6S
8S
10S
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VF
Max. Forward Voltage
1.2
V
IF(AV)
Average Forward
Rectified Current
1.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
30
A
5.0
uA
TA = 25°C
IR
Reverse Current
@ VR = VRRM
100
uA
TA = 100°C
Trr
Max. Reverse
Recovery Time
150
250
500
V
IF = 0.5A, IR = 1.0A,
Irr = 0.25A.
RthJA
Thermal Resistance
42
°C / W
Junction to ambient
CJ
Diode Junction
Capacitance
15
pF
F=1MHz
and VR= 4V
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-55 to +150
° C


Similar Part No. - MFPR2S

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
MFPROT_LP RFSOLUTIONS-MFPROT_LP Datasheet
348Kb / 35P
Micro RWD MF Mifare Low Power Version
More results

Similar Description - MFPR2S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com