Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMBT4401
Description  SMD General Purpose Transistor (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMBT4401 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMBT4401 Datasheet HTML 1Page - TAITRON Components Incorporated MMBT4401 Datasheet HTML 2Page - TAITRON Components Incorporated MMBT4401 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A/AH 2008-03-25
MMBT4401
SMD General Purpose Transistor (NPN)
www.taitroncomponents.com
Page 2 of 3
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
20
-
VCE=1V, IC=0.1mA
40
-
VCE=1V, IC=1mA
80
-
VCE=1V, IC=10mA
100
300
VCE=1V, IC=150mA
hFE
D.C. Current Gain
40
-
VCE=2V, IC=500mA
V(BR)CBO
Collector-Base Breakdown Voltage
60
-
V
IC=0.1mA, IE=0
V(BR)CEO
Collector-Emitter Breakdown Voltage
*
40
-
V
IC=1mA, IB=0
V(BR)EBO
Emitter-Base Breakdown Voltage
6.0
-
V
IE=0.1mA, IC=0
-
0.40
IC=150mA, IB=15mA
VCEsat
Collector-Emitter Saturation Voltage
-
0.75
V
IC=500mA, IB=50mA
0.75
0.95
IC=150mA, IB=15mA
VBEsat
Base-Emitter Saturation Voltage
-
1.20
V
IC=500mA, IB=50mA
ICEV
Collector Cut-off Current
-
0.1
µA
VEB=0.4V, VCE=35V
IBEV
Base Cut-off Current
-
0.1
µA
VEB=0.4V, VCE=35V
hie
Input Impedance
1.0
15
kΩ
VCE=10V, IC=1mA
f=1KHz,
hre
Voltage Feedback Ratio
0.1
8.0
x10
־
4
VCE=10V, IC=1mA
f=1KHz,
hoe
Output Admittance
1.0
30
μS
VCE=10V, IC=1mA
f=1KHz,
hfe
Small Signal Current Gain
40
500
VCE=10V, IC=1mA
f=1KHz,
fT
Current Gain-Bandwidth Product
250
-
MHz
VCE=10V, IC=20mA,
f=100MHz
CCBO
Output Capacitance
-
6.5
pF
VCB=5V, f=1.0MHz,
IE=0
CEBO
Input Capacitance
-
30
pF
VEB=0.5V, f=1.0MHz,
IC=0
td
Delay Time
-
15
tr
Rise Time
-
20
IB1=15mA
IC=150mA
VCC=30V
VEB=2V
ts
Storage Time
-
225
tf
Fall Time
-
30
nS
IB1=IB2=15mA
IC=150mA
VCC=30V
*Pulse Test Pulse Width ≤ 300µs, Duty Cycle ≤2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com