Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ4682 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MMSZ4682
Description  500mW Two Terminals SMD Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MMSZ4682 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MMSZ4682 Datasheet HTML 1Page - TAITRON Components Incorporated MMSZ4682 Datasheet HTML 2Page - TAITRON Components Incorporated MMSZ4682 Datasheet HTML 3Page - TAITRON Components Incorporated MMSZ4682 Datasheet HTML 4Page - TAITRON Components Incorporated MMSZ4682 Datasheet HTML 5Page - TAITRON Components Incorporated MMSZ4682 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. A/AH 2007-12-14
500mW Two Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 2 of 6
MMSZ4681 – MMSZ4717
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage @
IZT
Test
Current
VZ(V)
Max. Reverse Leakage Current
IR @ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
IR (
μA)
VR(V)
MMSZ4681
CF
2.4
2.28
2.52
0.05
2.00
1.0
MMSZ4682
CH
2.7
2.57
2.84
0.05
1.00
1.0
MMSZ4683
CJ
3.0
2.85
3.15
0.05
0.80
1.0
MMSZ4684
CK
3.3
3.14
3.47
0.05
7.50
1.5
MMSZ4685
CM
3.6
3.42
3.78
0.05
7.50
2.0
MMSZ4686
CN
3.9
3.71
4.10
0.05
5.00
2.0
MMSZ4687
CP
4.3
4.09
4.52
0.05
4.00
2.0
MMSZ4688
CT
4.7
4.47
4.94
0.05
10.0
3.0
MMSZ4689
CU
5.1
4.85
5.36
0.05
10.0
3.0
MMSZ4690
CV
5.6
5.32
5.88
0.05
10.0
4.0
MMSZ4691
CA
6.2
5.89
6.51
0.05
10.0
5.0
MMSZ4692
CX
6.8
6.46
7.14
0.05
10.0
5.1
MMSZ4693
CY
7.5
7.13
7.88
0.05
10.0
5.7
MMSZ4694
CZ
8.2
7.79
8.61
0.05
1.00
6.2
MMSZ4695
DC
8.7
8.27
9.14
0.05
1.00
6.6
MMSZ4696
DD
9.1
8.65
9.56
0.05
1.00
6.9
MMSZ4697
DE
10
9.5
10.5
0.05
1.00
7.6
MMSZ4698
DF
11
10.5
11.6
0.05
0.05
8.4
MMSZ4699
DH
12
11.4
12.6
0.05
0.05
9.1
MMSZ4700
DJ
13
12.4
13.7
0.05
0.05
9.8
MMSZ4701
DK
14
13.3
14.7
0.05
0.05
10.6
MMSZ4702
DM
15
14.3
15.8
0.05
0.05
11.4
MMSZ4703
DN
16
15.2
16.8
0.05
0.05
12.1
MMSZ4704
DP
17
16.2
17.9
0.05
0.05
12.9
MMSZ4705
DT
18
17.1
18.9
0.05
0.05
13.6
MMSZ4706
DU
19
18.1
20.0
0.05
0.05
14.4
MMSZ4707
DV
20
19.0
21.0
0.05
0.01
15.2
MMSZ4708
DA
22
20.9
23.1
0.05
0.01
16.7
MMSZ4709
DZ
24
22.8
25.2
0.05
0.01
18.2
MMSZ4710
DY
25
23.8
26.3
0.05
0.01
19.0
MMSZ4711
EA
27
25.7
28.4
0.05
0.01
20.4
MMSZ4712
EC
28
26.6
29.4
0.05
0.01
21.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com