Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB151G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RB151G
Description  1.5A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RB151G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RB151G Datasheet HTML 1Page - TAITRON Components Incorporated RB151G Datasheet HTML 2Page - TAITRON Components Incorporated RB151G Datasheet HTML 3Page - TAITRON Components Incorporated RB151G Datasheet HTML 4Page - TAITRON Components Incorporated RB151G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-05-23
RB151G – RB157G
1.5A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
1.5A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.1µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
RB, Epoxy meets UL 94V-0 flammability rating
Terminals:
Plated leads solderable per MIL-STD-750, Method 2026
Polarity:
As marked on case
Weight:
0.04 ounce, 1.1 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
RB
151G
RB
152G
RB
153G
RB
154G
RB
155G
RB
156G
RB
157G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current at 0.375”
(9.5mm) lead length
1.5
A
TA=25° C
IFSM
Peak Forward Surge Current
50
A
8.3ms Single
Sine-wave
Superimposed
on Rated Load
(JEDEC
Method)
I²t
Rating for Fusing (t<8.3ms)
10
A²sec
RB


Similar Part No. - RB151G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RB151G JGD-RB151G Datasheet
131Kb / 2P
MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RB151G BILIN-RB151G Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Formosa MS
RB151G FORMOSA-RB151G Datasheet
68Kb / 6P
Bridge Rectifier
More results

Similar Description - RB151G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF150 WTE-DF150 Datasheet
45Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP005M WTE-KBP005M Datasheet
35Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP150G WTE-KBP150G Datasheet
35Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
logo
TAITRON Components Inco...
W005G TAITRON-W005G Datasheet
204Kb / 5P
1.5A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_2 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com