Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB152 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RB152
Description  1.5A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RB152 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RB152 Datasheet HTML 1Page - TAITRON Components Incorporated RB152 Datasheet HTML 2Page - TAITRON Components Incorporated RB152 Datasheet HTML 3Page - TAITRON Components Incorporated RB152 Datasheet HTML 4Page - TAITRON Components Incorporated RB152 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5A Bridge Rectifier
RB151 - RB157
Rev. A/AH 2007-11-29
www.taitroncomponents.com
Page 2 of 5
Fig.1- Derating Curve
For Output Rectified Current
Ambient Temperature TA (°C)
Fig.2- Max. Non-Repetitive Peak Forward
Surge Current per leg
Number of Cycle at 60Hz
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Unit mounted on P.C. board with 0.22" X 0.22" (5.5 X5.5 mm) copper pads,. 375" (9.5mm) lead
length.
Typical Characteristics Curves
Symbol
Description
RB151
RB152
RB153
RB154
RB155
RB156
RB157
Unit
VF
Max. Instantaneous Forward Voltage Drop
per leg at 1.0 A
1.0
V
TA =25°C
5.0
uA
IR
Max. DC Reverse Current
at Rated DC Blocking
Voltage per leg
TA =100°C
0.5
mA
CJ
Typical Junction Capacitance (Note1)
15
pF
Rθ-JA
Typical Thermal Resistance (Note2)
40
° C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com