Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72631K4M0 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72631K4M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K4M0 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72631K4M0 Datasheet HTML 92Page - STMicroelectronics ST72631K4M0 Datasheet HTML 93Page - STMicroelectronics ST72631K4M0 Datasheet HTML 94Page - STMicroelectronics ST72631K4M0 Datasheet HTML 95Page - STMicroelectronics ST72631K4M0 Datasheet HTML 96Page - STMicroelectronics ST72631K4M0 Datasheet HTML 97Page - STMicroelectronics ST72631K4M0 Datasheet HTML 98Page - STMicroelectronics ST72631K4M0 Datasheet HTML 99Page - STMicroelectronics ST72631K4M0 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
ST7263
96/109
7.4 POWER CONSUMPTION
(T
A = 0 to +70°C unless otherwise specified)
Note 1:
All peripherals running.
Note 2:
Oscillator, 16-bit Timer (free running counter) and watchdog running.
All others peripherals (including EPROM/RAM memories) disabled.
Note 3:
CPU in HALT mode, USB Transceiver disabled, Low Voltage Reset function enabled.
Note 4:
Low voltage reset function enabled.
CPU in HALT mode.
USB in suspend mode. External pull-up (1.5Kohms to USBVCC) and pull-down (15Kohms to VSSA)
connected on drivers.
Note 5:
VDD = 5.5 V except in USB Suspend mode where VDD = 5.25 V
GENERAL
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VDD
Operating Supply Voltage
RUN & WAIT mode
fOSC = 24 MHz
fCPU = 8 MHz
4
5
5.5
V
VDDA
Analog Reference Voltage
4
5
5.5
V
IDD
CPU RUN mode (see Note 1)
I/O in input mode
fCPU = 8 MHz,
TA = 20
°C
(For VDD : see Note 5)
14
20
mA
CPU WAIT mode (See Note 2)
8
12
mA
CPU HALT mode (see Note 3)
100
µA
USB Suspend mode (see Note 4)
350
450
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com