Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS310 Datasheet(PDF) 1 Page - Fox Electronics

Part # FTS310
Description  WiMax 14-PIN DIP OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FTS310 Datasheet(HTML) 1 Page - Fox Electronics

  FTS310 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
WiMax 14-PIN DIP OCXO
Rev. 2/26/2007
Preliminary
http://www.foxonline.com/need_a_sample.htm
Model: FTS310 Series
Page 1 of 1
20.000MHz
30.720 MHz
32.000 MHz
40.000 MHz
• DEVELOPED FREQUENCIES
RoHS Compliance Status: Not Compliant
All specifications subject to change without notice.
Contact Fox Custom Products Center (CPC) for details at 877-369-8041 or
email at http://www.foxonline.com/email.htm
2.430 ~ 60.000 MHz
(see above table)
-40ºC ~ +85ºC
3.3V ±0.16V
HCMOS
0.33V
2.97V Min
±4.0 PPM Min
0.0V ~ 3.3V
±4.6 PPM
±250 PPB
±100 PPB Typ
±20 PPB
±370 PPB
±10 PPB
±0.75 PPM
±4.2 PPM
2 Minutes
< 1.5 Watts
1.0W ~ 0ºC, 0.6W @ +25ºC
-125 dBc/Hz @ 100 Hz
-145 dBc/Hz @ 10 kHz
15 pF
PARAMETERS
Frequency Range(Fo)
Temperature Range
Operating
(Topr)
Storage
(Tstg)
Supply Voltage
(Vdd)
Output Type
Output Voltage
(Vol)
(Voh)
Pullability
(Referenced to Fo)
Control Voltage
Frequency Stability
All effects for 10 years
Vs. Temp, (ref @ 25º C)
Vs. Vdd Change
Holdover Aging (24 hours)
Holdover Stability
Load Stability
Long Term Aging (1st year)
Aging (10 years)
Warm-up to within ±4.6 PPM
Warm-up Power
Operating Power
Phase Noise (Typical @ 10MHz)
Output Load (CL)
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
All dimensions are in millimeters.
Pin Connections
#1) Vc
#7) GND
#8) Output
#14) V
DD
Frequency
Stability
Operating
Temperature (ºC)
-40 ~ +65
-40 ~ +85
Frequency
Range (MHz)
2.430 ~ 60.000
2.430 ~ 60.000
FTS310AH
FTS310BH
Model
Number
Part Number
806A-Frequency-xxxxx
806B-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
±4.6 PPM
±4.6 PPM
FEATURES
• 802.16-2004
• WiMax Base Station Applications
(Meets 8PPM for 10 years)
• 3.3V Operation
• HCMOS Output


Similar Part No. - FTS310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTS301-H FOX-FTS301-H Datasheet
68Kb / 1P
STRATUM III 14-PIN DIP OCXO
FTS301AH FOX-FTS301AH Datasheet
68Kb / 1P
STRATUM III 14-PIN DIP OCXO
FTS301AHLF FOX-FTS301AHLF Datasheet
374Kb / 1P
STRATUM III 14-PIN DIP OCXO
FTS301AHN FOX-FTS301AHN Datasheet
68Kb / 1P
STRATUM III 14-PIN DIP OCXO
FTS301AHNLF FOX-FTS301AHNLF Datasheet
374Kb / 1P
STRATUM III 14-PIN DIP OCXO
More results

Similar Description - FTS310

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
14 pin DIP, 5.0 Volt, Sinewave, OCXO
XO5163 MTRONPTI-XO5163 Datasheet
219Kb / 1P
14 pin DIP, 12.0 Volt, Sinewave, OCXO
XO5164 MTRONPTI-XO5164 Datasheet
245Kb / 1P
14 pin DIP, 3.3 Volt, HCMOS, OCXO
logo
Fox Electronics
FTS301-H FOX-FTS301-H Datasheet
68Kb / 1P
STRATUM III 14-PIN DIP OCXO
logo
Connor-Winfield Corpora...
CGOV5S3 CONNOR-WINFIELD-CGOV5S3 Datasheet
211Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
OFA5AB1BA CONNOR-WINFIELD-OFA5AB1BA Datasheet
153Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCXO
logo
MMD Components
MOFH MMD-MOFH_12 Datasheet
122Kb / 2P
MOFH & MOFZ Series ??14 Pin Dip OCXO
logo
Fox Electronics
FTS301AHLF FOX-FTS301AHLF Datasheet
374Kb / 1P
STRATUM III 14-PIN DIP OCXO
FTS501HLF FOX-FTS501HLF Datasheet
174Kb / 1P
STRATUM III 14-PIN DIP OCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com