Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST755
Description  ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755 Datasheet(HTML) 2 Page - STMicroelectronics

  ST755 Datasheet HTML 1Page - STMicroelectronics ST755 Datasheet HTML 2Page - STMicroelectronics ST755 Datasheet HTML 3Page - STMicroelectronics ST755 Datasheet HTML 4Page - STMicroelectronics ST755 Datasheet HTML 5Page - STMicroelectronics ST755 Datasheet HTML 6Page - STMicroelectronics ST755 Datasheet HTML 7Page - STMicroelectronics ST755 Datasheet HTML 8Page - STMicroelectronics ST755 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Rating are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
CONNECTION DIAGRAM AND (top view)
PIN CONNECTIONS
Pin No
Symbol
Name and Fun ction
1
SHDN
SHUT-DOWN Control (VCC = On, GND=Shutdown)
2Vref
Reference Output Voltage (1.25V)
3
SS
Soft Start
4
CC
Compensation Input
5Vout
Negative Output Voltage
6
G ND
Ground
7
LX
Switch Output
8VCC
Positive Supply-Voltage Input
ORDERING NUMBERS
Type
DIP-8
SO-8 (Tube)
SO-8 (T&R)
ST755
ST755CN
ST755CD
ST755CD-TR
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vcc
DC Input Voltage to GND
-0.3 t o 12
V
SHDN
Shutdown Voltage
-0.3 t o VCC+0.3
V
Other Input Voltage
-0.3 t o VCC+0.3
V
ILX
Peak Switch Current
2
A
Ptot
Power Dissipation (at 70
oC) (for DIP-8)
(for SO-8)
725
470
mW
Top
Operating Ambient Temperature Range
-40 to 85
oC
Tstg
Storage Temperature Range
-55 t o 150
oC
ST755
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com