Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST327 Datasheet(PDF) 1 Page - Fox Electronics

Part # FST327
Description  MINIATURE SMD TUNING FORK WATCH CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FST327 Datasheet(HTML) 1 Page - Fox Electronics

  FST327 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DISCONTINUED
29
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
All dimensions are in millimeters.
See page 31 for tape and reel specifications.
The FST327 crystals are exceptional for applications that require the
watch frequency but where space prevents the use of the FSM327.
This miniature package has a 2.5mm max height and a sturdy
thermoplastic housing.
FEATURES
• Miniature Package
• 2.5mm Height
• Long Term Stability
• Two Pin Connection Types
• Tape and Reel (3,000 pcs. STD)
CONDITIONS
32.768 kHz
Ta = 25ºC, CL=12.5 pF
Temperature Coefficient
@ 100VDC
Ta = 25ºC; per year
MAX
+20
-0.04
+30
+85
+125
50
1.0
+3.0
MIN
-20
+20
-40
-55
500
-3.0
UNITS
PPM
PPM / (
ƼC)2
ºC
k
Ω
M
Ω
µW
PPM
PARAMETERS
Frequency
Frequency Tolerance
Frequency Stability
Temperature Range
Turnover
(To)
Operating
(TOPR)
Storage
(TSTG)
Equivalent Series Resistance (Rs)
Insulation Resistance
Drive Level
Aging
• FST327 STANDARD SPECIFICATIONS
All specifications subject to change without notice. Rev. 03/02/00
MINIATURE SMD TUNING FORK WATCH CRYSTAL
FST327


Similar Part No. - FST327

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST32211 FAIRCHILD-FST32211 Datasheet
240Kb / 6P
40/48-Bit Bus Switch
FST32211G FAIRCHILD-FST32211G Datasheet
240Kb / 6P
40/48-Bit Bus Switch
FST32245 FAIRCHILD-FST32245 Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245MTC FAIRCHILD-FST32245MTC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245QSC FAIRCHILD-FST32245QSC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
More results

Similar Description - FST327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-205 ETC1-ECX-205 Datasheet
110Kb / 1P
SMD TUNING FORK CRYSTAL
logo
ECS, Inc.
ECS-2X6-FLX ECS-ECS-2X6-FLX Datasheet
335Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-3TAX ECS-ECX-3TAX Datasheet
345Kb / 1P
MICRO MINIATURE SMD TUNING FORK CRYSTAL
ECX-205X ECS-ECX-205X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306 ECS-ECX-306 Datasheet
125Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306X ECS-ECX-306X Datasheet
318Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-31 ECS-ECX-31 Datasheet
475Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-39 ECS-ECX-39 Datasheet
182Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-71 ECS-ECX-71 Datasheet
170Kb / 2P
SMD TUNING FORK CRYSTAL
ECX-12L ECS-ECX-12L Datasheet
566Kb / 1P
SMD TUNING FORK CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com