Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR Datasheet(PDF) 1 Page - Fox Electronics

Part # FSR
Description  SMD TUNING FORK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSR Datasheet(HTML) 1 Page - Fox Electronics

  FSR Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DISCONTINUED
27
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• Miniature Package
• 2.5mm Height
• Long Term Stability
• Tape and Reel (3,000 pcs. STD)
SMD TUNING FORK
MODEL: FSR
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
All dimensions are in millimeters.
MAX (unless otherwise noted)
All specifications subject to change without notice. Rev.
7/12/04
32.768 kHz
±20 PPM
-0.04 PPM / (
ƼC)2
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
50 k
Ω
12.5 pF (Standard)
6 pF (Optional)
500 M
Ω Min
1.0 µW
±3 PPM
PARAMETERS
Frequency
Frequency Tolerance @ 25ºC
Frequency Stability
Temperature Coefficient
Temperature Range
Turnover
(TO)
Operating
(TOPR)
Storage
(TSTG)
Equivalent Series Resistance (RS)
Load Capacitance
(CL)
Insulation Resistance @ 100VDC
Drive Level
Aging per year
• STANDARD SPECIFICATIONS
Frequency
Stability
Operating
Temperature
-40 ºC~ +85 ºC
32.768 kHz
FSR
Model
Number
Part Number
414-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency
See table


Similar Part No. - FSR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
Ohmite Mfg. Co.
FSR OHMITE-FSR Datasheet
429Kb / 2P
Force Sensing Resistor
logo
RFE international
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Heyco.
FSR HEYCO-FSR Datasheet
91Kb / 1P
Feets of Strength
logo
Adam Technologies, Inc.
FSR-XX ADAM-TECH-FSR-XX Datasheet
91Kb / 1P
STRAIN RELIEF FOR FCS SERIES
More results

Similar Description - FSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX145 ETC2-FX145 Datasheet
101Kb / 1P
SMD TUNING FORK
logo
Fox Electronics
FSXLF FOX-FSXLF Datasheet
183Kb / 2P
SMD Tuning Fork
FSX FOX-FSX Datasheet
82Kb / 1P
SMD TUNING FORK
FSRLF FOX-FSRLF Datasheet
189Kb / 2P
SMD Tuning Fork
FSN FOX-FSN Datasheet
79Kb / 1P
SMD TUNING FORK
FSMLF FOX-FSMLF Datasheet
119Kb / 2P
SMD Tuning Fork
FX145 FOX-FX145 Datasheet
170Kb / 1P
SMD Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FSXLF3270 FOX-FSXLF3270 Datasheet
140Kb / 2P
SMD Tuning Fork
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com