Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMLF Datasheet(PDF) 1 Page - Fox Electronics

Part # FSMLF
Description  SMD Tuning Fork
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSMLF Datasheet(HTML) 1 Page - Fox Electronics

  FSMLF Datasheet HTML 1Page - Fox Electronics FSMLF Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• Miniature Package
• 3.56mm Height
• Long Term Stability
• Tape and Reel (2,000 pcs. STD)
All dimensions are in millimeters.
MAX (unless otherwise noted)
All specifications subject to change without notice.
32.768 kHz
±20 PPM
-0.04 PPM / (
ƼC)2
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
50 k
Ω
12.5 pF (Standard)
6 pF (Optional)
500 M
Ω Min
1.0 µW
±3 PPM
100% Sn
PARAMETERS
Frequency
Frequency Tolerance @ 25ºC
Frequency Stability
Temperature Coefficient
Temperature Range
Turnover
(T
O)
Operating
(T
OPR)
Storage
(T
STG)
Equivalent Series Resistance (RS)
Load Capacitance
(Cl)
Insulation Resistance @ 100VDC
Drive Level
Aging per year
Termination Finish
• STANDARD SPECIFICATIONS
Frequency
Stability
Operating
Temperature
-40 ºC~ +85 ºC
32.768 kHz
FSMLF
Model
Number
Part Number
258LF-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency
See table
SMD Tuning Fork
Rev. 1/26/2007
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FSMLF
Page 1 of 2


Similar Part No. - FSMLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSMLF FOX-FSMLF Datasheet
657Kb / 2P
SMD Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
More results

Similar Description - FSMLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX145 ETC2-FX145 Datasheet
101Kb / 1P
SMD TUNING FORK
logo
Fox Electronics
FSXLF FOX-FSXLF Datasheet
183Kb / 2P
SMD Tuning Fork
FSX FOX-FSX Datasheet
82Kb / 1P
SMD TUNING FORK
FSRLF FOX-FSRLF Datasheet
189Kb / 2P
SMD Tuning Fork
FSR FOX-FSR Datasheet
98Kb / 1P
SMD TUNING FORK
FSN FOX-FSN Datasheet
79Kb / 1P
SMD TUNING FORK
FX145 FOX-FX145 Datasheet
170Kb / 1P
SMD Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FSXLF3270 FOX-FSXLF3270 Datasheet
140Kb / 2P
SMD Tuning Fork
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com