Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72621J2T1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72621J2T1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72621J2T1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72621J2T1 Datasheet HTML 17Page - STMicroelectronics ST72621J2T1 Datasheet HTML 18Page - STMicroelectronics ST72621J2T1 Datasheet HTML 19Page - STMicroelectronics ST72621J2T1 Datasheet HTML 20Page - STMicroelectronics ST72621J2T1 Datasheet HTML 21Page - STMicroelectronics ST72621J2T1 Datasheet HTML 22Page - STMicroelectronics ST72621J2T1 Datasheet HTML 23Page - STMicroelectronics ST72621J2T1 Datasheet HTML 24Page - STMicroelectronics ST72621J2T1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
ST7262
21/132
6.2 RESET
The Reset procedure is used to provide an orderly
software start-up or to exit low power modes.
Three reset modes are provided: a low voltage re-
set, a watchdog reset and an external reset at the
RESET pin.
A reset causes the reset vector to be fetched from
addresses FFFEh and FFFFh in order to be loaded
into the PC and with program execution starting
from this point.
An internal circuitry provides a 514 CPU clock cy-
cle delay from the time that the oscillator becomes
active.
6.2.1 Low Voltage Reset
Low voltage reset circuitry generates a reset when
VDD is:
s
below VIT+ when VDD is rising,
s
below VIT- when VDD is falling.
During low voltage reset, the RESET pin is held low,
thus permitting the MCU to reset other devices.
The Low Voltage Detector can be disabled by set-
ting the LVD bit of the Option byte.
6.2.2 Watchdog Reset
When a watchdog reset occurs, the RESET pin is
pulled low permitting the MCU to reset other devic-
es as when low voltage reset (Figure 15).
6.2.3 External Reset
The external reset is an active low input signal ap-
plied to the RESET pin of the MCU.
As shown in Figure 18, the RESET signal must
stay low for a minimum of one and a half CPU
clock cycles.
An internal Schmitt trigger at the RESET pin is pro-
vided to improve noise immunity.
Figure 15. Low Voltage Reset functional Diagram
Figure 16. Low Voltage Reset Signal Output
Note: Typical hysteresis (VIT+-VIT-) of 250 mV is
expected
Figure 17. Temporization Timing Diagram after an internal Reset
LOW VOLTAGE
VDD
FROM
WATCHDOG
RESET
RESET
INTERNAL
RESET
RESET
RESET
VDD
VIT+
VIT-
VDD
Addresses
$FFFE
Temporization
VIT+
(514 CPU clock cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com