Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPX Datasheet(PDF) 1 Page - Fox Electronics

Part # FPX
Description  PLASTIC ENCASED SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FPX Datasheet(HTML) 1 Page - Fox Electronics

  FPX Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
© 2003 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
FEATURES
• Low Cost
• Stocking Standard
• Plastic Encapsulated
• Tape and Reel (1,000 pcs. STD)
PLASTIC ENCASED SMD CRYSTAL
FPX
See page 28 for tape and reel specifications.
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
All specifications subject to change without notice. Rev.
8/1/03
3.579545 ~ 90.000MHz
±50 PPM
±50 PPM
-10ºC ~ +70ºC
-55ºC ~ +125ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
• STANDARD SPECIFICATIONS1
3.579545 ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 30.000
30.000+ ~ 90.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
200
150
120
100
80
60
40
30
100
Operating Mode
Max ESR
Ω
MAX (unless otherwise noted)
OPTIONS
• Tolerances to < 20 PPM
• Stabilities to < 20 PPM
• Temperatures to -40ºC ~ +85ºC
• Alternate Metal Can Package
(HC49SPX)
All dimensions are in millimeters.
Discontinued
Discontinued
DISCONTINUED


Similar Part No. - FPX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPX0368-20 ETC1-FPX0368-20 Datasheet
47Kb / 1P
STANDARD CRYSTALS
FPX0368S ETC1-FPX0368S Datasheet
47Kb / 1P
STANDARD CRYSTALS
FPX036S ETC1-FPX036S Datasheet
47Kb / 1P
STANDARD CRYSTALS
FPX040 ETC1-FPX040 Datasheet
47Kb / 1P
STANDARD CRYSTALS
FPX040A ETC1-FPX040A Datasheet
47Kb / 1P
STANDARD CRYSTALS
More results

Similar Description - FPX

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
Replacement for Plastic SMD Crystal
logo
Fox Electronics
FPXLF FOX-FPXLF Datasheet
157Kb / 2P
Plastic Encased SMD Crystal
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2_08 Datasheet
194Kb / 2P
MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
01.11.08
logo
Fox Electronics
FK FOX-FK Datasheet
38Kb / 1P
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FPXLF040 FOX-FPXLF040 Datasheet
197Kb / 3P
Plastic Encased SMD Crystal
FPXLF073 FOX-FPXLF073 Datasheet
170Kb / 2P
Plastic Encased SMD Crystal
FPXLF196-20 FOX-FPXLF196-20 Datasheet
459Kb / 3P
Plastic Encased SMD Crystal
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2_15 Datasheet
1Mb / 2P
MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
10.23.14
logo
Fox Electronics
FPXLF250F-20 FOX-FPXLF250F-20 Datasheet
437Kb / 3P
Plastic Encased SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com