Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC501AS Datasheet(PDF) 1 Page - Fox Electronics

Part # FPC501AS
Description  50.8mm x 50.8mm Precision OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FPC501AS Datasheet(HTML) 1 Page - Fox Electronics

  FPC501AS Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 5.0V Operation
• Sine Wave Output
• 50.8 x 50.8 x 20.5mm
• SC Cut Resonators
"Pin numbers
are for
reference only"
Frequency
Stability vs. Temp
±2 PPB
±5 PPB
±10 PPB
Operating
Temperature
0 ~ +50 ºC
-20 ~ +70 ºC
-40 ~ +75 ºC
*Frequency
Range (MHz)
5.000 ~ 50.000
5.000 ~ 50.000
5.000 ~ 50.000
FPC501AS
FPC502AS
FPC503AS
Model
Number
• PART NUMBER SELECTION Learn More - Internet Required
Part Number
690-Frequency-xxxxx
691-Frequency-xxxxx
692-Frequency-xxxxx
All specifications subject to change without notice.
*Specifications are applicable to 10 MHz units. Performance at other frequencies will vary
from these values. Other frequencies and performance is available.
Contact Fox Custom Products Center (CPC) for details at 877-369-8041 or
email at
http://www.foxonline.com/email.htm
5.000 ~ 50.000 MHz*
+5 VDC ± 5%
3 Watts
0.8 Watts Typical
±2 PPB
± 0.5 PPB / Day
± 50 PPB / Year
10-11 / Sec
(Typical @ 10 MHz)
-120 dBc
-140 dBc
-155 dBc
-158 dBc
3 minutes
± 0.5 PPM Min.
Positive
± 10%
> 100 K
Sine
> 3 dBm
> 30 dBc
Coldweld, SC Cut
PARAMETERS
Frequency Range (Fo)
Supply Voltage
Power (Warm-Up for 3 minutes)
Power Stabilized at +25ºC (Still air)
Voltage (± 5% Change)
Short Term Aging (3 weeks min operation)
Long Term Aging (After 60 days operation)
Allan Variance (1 sec samples)
Phase Noise (Offset)
10 Hz
100 Hz
1 KHz
10 KHz
Warm-Up to within ± 100 PPB
(Referenced to freq after 1/2 hour power on)
Frequency Adjust (0 to +5 VDC)
Slope
Non-Linearity (0.8V-5.0V
Input Impedance
Output
Output Level into 50 Ohms
Harmonics
Resonator Type
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Pin Connections
#1) Trim
#2) N.C or trim reference Voltage
#3) Output
#4) GND / Case
#5) VDD
Unless otherwise specified, tolerances are ±0.26
All dimensions are in millimeters.
Case Material: Steel
Plating: Nickel
50.8mm x 50.8mm Precision OCXO
50.8mm x 50.8mm Precision OCXO
Rev. 11/10/2006
Preliminary
http://www.foxonline.com/need_a_sample.htm
Model: FPC5_ _AS Series
Page 1 of 1


Similar Part No. - FPC501AS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPC501AH FOX-FPC501AH Datasheet
154Kb / 1P
50.8mm x 50.8mm Precision OCXO
More results

Similar Description - FPC501AS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTE5-AS FOX-FTE5-AS Datasheet
173Kb / 1P
EURO Package Precision OCXO
FTE5-AH FOX-FTE5-AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
FPC5-AH FOX-FPC5-AH Datasheet
154Kb / 1P
50.8mm x 50.8mm Precision OCXO
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
DRR-129 50.8mm Close-Differential Reed Switch
DRS-50 LITTELFUSE-DRS-50 Datasheet
379Kb / 2P
50.8mm High Power Reed Switch
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
OX-G TRANSKO-OX-G Datasheet
744Kb / 1P
OCXO - 14.3 X 9.3 X 6.5mm PACKAGE
Ver. 1: Mar. 2015
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com