Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C185CD Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST75C185CD
Description  LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C185CD Datasheet(HTML) 3 Page - STMicroelectronics

  ST75C185CD Datasheet HTML 1Page - STMicroelectronics ST75C185CD Datasheet HTML 2Page - STMicroelectronics ST75C185CD Datasheet HTML 3Page - STMicroelectronics ST75C185CD Datasheet HTML 4Page - STMicroelectronics ST75C185CD Datasheet HTML 5Page - STMicroelectronics ST75C185CD Datasheet HTML 6Page - STMicroelectronics ST75C185CD Datasheet HTML 7Page - STMicroelectronics ST75C185CD Datasheet HTML 8Page - STMicroelectronics ST75C185CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE RANGE
(unless otherwise specified)
Symbol
Parameter
Value
Un it
VDD
Supply Voltage (Note 1)
15
V
VSS
Supply Voltage (Note 1)
-15
V
VCC
Supply Voltage (Note 1)
7
V
VI
Input Voltage Range (DRIVER)
-0.3 to (VCC+0.3)
V
VI
Input Voltage Range (RECEIVER)
-30 to 30
V
VO
Output Voltage Range (DRIVER)
(VSS-6) to (VDD+6)
V
VO
Output Voltage Range (RECEIVER)
-0.3 to (VCC+0.3)
V
IO
Receiver Low Level Output Current
20
mA
TA
Operating Free-Air Temperature Range
-40 to 85
oC
Tstg
Storage Temperature Range
-65 to +150
oC
TL
Lead Temperature 1.6mm from case for 10 sec
260
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
NOTE1:All voltages are withrespect tothe network ground terminal.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
TYP
Max
Uni t
VDD
Supply Voltage
7
12
13.2
V
VSS
Supply Voltage
-7
-12
-13.2
V
VCC
Supply Voltage
4.5
5
5.5
V
VIN
Input Voltage (Note 2)
DRIVER
0VCC
V
RECEIVER
-25
25
IOH
High Level Output Current
RECEIVER
-1
mA
IOL
Low Level Output Current
RECEIVER
3.2
mA
TA
Operating Free-Air Temperature
-40
25
85
oC
NOTE 2: The algebraic convertion, where the more positive (less negative) limitis designed as maximum, is used in this datasheet for logic levels only,
e.g. if -10V is a maximum, the typical value is a more negative voltage.
ST75C185
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com