Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGF3AB Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RGF3AB
Description  3.0A Sintered Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF3AB Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RGF3AB Datasheet HTML 1Page - TAITRON Components Incorporated RGF3AB Datasheet HTML 2Page - TAITRON Components Incorporated RGF3AB Datasheet HTML 3Page - TAITRON Components Incorporated RGF3AB Datasheet HTML 4Page - TAITRON Components Incorporated RGF3AB Datasheet HTML 5Page - TAITRON Components Incorporated RGF3AB Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B/AH 2008-01-16
www.taitroncomponents.com
Page 2 of 6
RGF3AB – RGF3MAB
3.0A Sintered Glass Passivated Fast Recovery Rectifier
Fig.2- Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Symbol
Description
RGF
3AB
RGF
3BB
RGF
3DB
RGF
3GB
RGF
3JB
RGF
3JAB
RGF
3KB
RGF
3KAB
RGF
3MB
RGF
3MAB
Unit
Conditions
Trr
Max. Reverse
Recovery Time
150
250
150
500
300
500
300
nS
IF=0.5A,
IR=1.0A,
Irr=0.25A.
RthJA
55
RthJL
Typical Thermal
Resistance
15
°C / W
Note 2
CJ
Typical Junction
Capacitance
60
pF
VR=4V,
f=1MHz
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
2. Thermal resistance from junction to ambient and from junction to lead P.C.B mounted on
0.2 × 0.2” (5.0 × 5.0mm) copper pad areas.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Lead Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com