Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB Datasheet(PDF) 1 Page - Fox Electronics

Part # FMB
Description  CERAMIC SEAM SEALED SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FMB Datasheet(HTML) 1 Page - Fox Electronics

  FMB Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
© 2004 FOX ELECTRONICS
FEATURES
• Fundamental to 40 MHz
• Seam Sealed
• Tape and Reel (2,000 pcs. STD)
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
2 Inclusive of tolerance at 25ºC.
All specifications subject to change without notice. Rev. 5/1/04
CERAMIC SEAM SEALED SMD CRYSTAL
MODEL: FMB
PARAMETERS
Frequency Range
Frequency Stability
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
• STANDARD SPECIFICATIONS1
9.000 ~ 90.064583 MHz
±100 PPM 2
-10ºC ~ +60ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
9.000 ~ 12.000
12.000+ ~ 16.000
16.000+ ~ 40.000
40.000+ ~ 90.065483
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
3rd OT
80
60
40
70
Operating Mode
Max ESR
Ω
Ω
Ω
Ω
Ω
MAX (unless otherwise noted)
OPTIONS
• Tolerances to < 5 PPM
• Stabilities to < 3 PPM
• Temperatures to -40ºC ~ +85ºC
9.000 ~ 90.064583
FMB
Model Number
Part Number
411-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
All dimensions are in millimeters.
Frequency Range (MHz)


Similar Part No. - FMB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-2204 SANKEN-FMB-2204 Datasheet
85Kb / 3P
Schottky Barrier Diodes
FMB-2206 SANKEN-FMB-2206 Datasheet
92Kb / 2P
Schottky Barrier Diodes
FMB-22H SANKEN-FMB-22H Datasheet
44Kb / 2P
Schottky Barrier Diodes 20V
FMB-22L SANKEN-FMB-22L Datasheet
44Kb / 2P
Schottky Barrier Diodes 20V
FMB-2304 SANKEN-FMB-2304 Datasheet
85Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - FMB

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FD FOX-FD Datasheet
504Kb / 2P
Ceramic Seam Sealed SMD Crystal
logo
Mercury United Electron...
H32 MERCURY-H32 Datasheet
425Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HCK3261 MERCURY-HCK3261 Datasheet
124Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5761 MERCURY-HCK5761 Datasheet
129Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HW5762 MERCURY-HW5762 Datasheet
115Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TXC Corporation.
7C-SERIES TXC-7C-SERIES Datasheet
924Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7W-SERIES TXC-7W-SERIES Datasheet
971Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7X-SERIES TXC-7X-SERIES Datasheet
932Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
Ultra small SMD seam sealed clock crystal oscillator units.
logo
Renesas Technology Corp
495-25-141 RENESAS-495-25-141 Datasheet
274Kb / 3P
Ceramic, Seam-Sealed, SMD, Crystal
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com