Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL41G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RGL41G
Description  1.0A Surface Mount Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGL41G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RGL41G Datasheet HTML 1Page - TAITRON Components Incorporated RGL41G Datasheet HTML 2Page - TAITRON Components Incorporated RGL41G Datasheet HTML 3Page - TAITRON Components Incorporated RGL41G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Surface Mount Fast Recovery Rectifier
Rev. A/AH 2007-08-24
RGL41A-RGL41M
www.taitroncomponents.com
Page 2 of 4
TL LEAD TEMPERATURE (ºC)
VR REVERSE VOLTAGE (V)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Note: Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Fig. 1 Forward Derating Curve
Fig. 2 Junction Capacitance vs Reverse Voltage
Symbol
Description
RGL
41A
R GL
41B
R GL
41D
R GL
41G
R GL
41J
R GL
41K
R GL
41M
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.3
V
IF at 1.0 A
5
TA = 25 °C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
250
µA
TA = 100 °C
trr
Typical Reverse
Recovery Time
150
250
500
nS
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
CJ
Typical Junction
Capacitance
15
pf
Measured at 1.0 MHZ and
Applied
Vr = 4.0 volts.
Rθ-JA
Maximum Thermal
Resistance
80
° C/W
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-55 to 125
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com