Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGF3MB Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RGF3MB
Description  3.0A Sintered Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF3MB Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RGF3MB Datasheet HTML 1Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 2Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 3Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 4Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 5Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/AH 2008-01-16
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
RGF3AB – RGF3MAB
3.0A Sintered Glass Passivated
Fast Recovery Rectifier
3.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
• Fast switching for high efficiency
• Ideal for surface mount automated applications
• High temperature soldering guaranteed: 260°C/10 seconds,
at terminals
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AA (SMB) molded plastic over passivated chip
Terminals:
Tin plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
0.004 ounes,0.12 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
RGF
3AB
RGF
3BB
RGF
3DB
RGF
3GB
RGF
3JB
RGF
3JAB
RGF
3KB
RGF
3KAB
RGF
3MB
RGF
3MAB
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
420
560
560
700
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VF
Max. Forward
Voltage
1.3
V
IF(AV)=3.0A
IF(AV)
Max. Average
Forward Rectified
Current
3.0
A
TL=100°C
IR(AV)
Max. Full Load
Reverse Current
100
µA
TA=55°C
IFSM
Peak Forward Surge
Current
115
A
Note 1
5
TA=25°C
50
TA=125°C
IR
Reverse Current
@ VR = VRRM
120
µA
TA=150°C
SMB


Similar Part No. - RGF3MB

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RGF3MB SUNMATE-RGF3MB Datasheet
381Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RGF3MB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3001G DIODES-PR3001G Datasheet
61Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001G DIODES-PR3001G_1 Datasheet
366Kb / 3P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. 6 - 2
logo
TAITRON Components Inco...
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
3.0A Sintered Glass Passivated Ultra Fast Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
3.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
3.0A Sintered Glass Passivated Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com