Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4306 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4306
Description  HCMOS, 7.5x5mm, 2.85V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4306 Datasheet(HTML) 1 Page - Fox Electronics

  F4306 Datasheet HTML 1Page - Fox Electronics F4306 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
All dimensions are in millimeters.
FEATURES
• 2.85V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.544 ~ 80.000
1.544 ~ 80.000
1.544 ~ 80.000
1.544 ~ 80.000
1.544 ~ 80.000
1.544 ~ 80.000
1.544 ~ 80.000
F4300
F4300R
F4305
F4305R
F4306
F4306R
F4308
Model
Number
1.544 ~ 80.000 MHz
-55ºC ~ +125ºC
2.85V ± 5%
15mA
20mA
25mA
30mA
45% ~ 55%
6nS
4nS
6nS
4nS
10% Vdd
90% Vdd Min
2mA
-2mA
15pF
10µA
10mS
150nS
10mS
PARAMETERS
Frequency Range
(Fo)
Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.544 ~ 32.000 MHz
32.000+ ~ 50.000 MHz
50.000+ ~ 67.000 MHz
67.000+ ~ 80.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
1.544 ~ 50.000 MHz
50.000 ~ 80.000 MHz
Fall Time (90% ~ 10% Vdd) (Tf)
1.544 ~ 50.000 MHz
50.000 ~ 80.000 MHz
Output Voltage
(
Iol = 2mA) (Vol)
(
Ioh = 2mA) (Voh)
Output Current
(Vol
= 10% Vdd) (Iol)
(Voh = 90% Vdd
) (Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. *Excludes Shock/Vibration
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
INH (Pin 1)
OPEN 2
'1' Level VIh
≥ 70% Vdd
'0' Level VIl
≤ 30% Vdd
Part Number
487-Frequency-xxxxx
604-Frequency-xxxxx
488-Frequency-xxxxx
605-Frequency-xxxxx
473-Frequency-xxxxx
606-Frequency-xxxxx
489-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS, 7.5x5mm, 2.85V SMD Oscillator
Rev. 2/25/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4300 SERIES
Page 1 of2


Similar Part No. - F4306

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F430 LITTELFUSE-F430 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
F430-ND LITTELFUSE-F430-ND Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
Integrated Technology F...
F4304 ITF-F4304 Datasheet
320Kb / 7P
SAW Bandpass Filter
2004-11-01
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results

Similar Description - F4306

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4400 FOX-F4400 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com