Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEB-35FD29 Datasheet(PDF) 3 Page - CUI INC

Part # CEB-35FD29
Description  piezo electric diaphragm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEB-35FD29 Datasheet(HTML) 3 Page - CUI INC

  CEB-35FD29 Datasheet HTML 1Page - CUI INC CEB-35FD29 Datasheet HTML 2Page - CUI INC CEB-35FD29 Datasheet HTML 3Page - CUI INC CEB-35FD29 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No: CEB-35FD29
Description: piezo electric diaphragm
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 10/23/2006
Unit: mm
Page No: 3 of 4
Environment Test
Item
Test Condition
High temp. test
After being placed in a chamber at +80°C for
240 hours.
Low temp. test
After being placed in a chamber at -30°C for
240 hours.
Humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
Temp. cycle test
The part shall be subjected to 5 cycles. One
cycle will consist of:
Evaluation Standard
The diaphragm will be measured
after being placed at +25°C for 4
hours. The value of the
resonant frequency should be
±10%, the value of the electro
static capacitance should be
±20% compared to the initial
measurements. The resonant
impedance should be 2,000
Ω
max.
+80°C
+25°C
+25°C
-30°C
0.5hr
0.5hr
0.25
0.5hr
0.5hr
0.5hr
0.25
3hours
Test Conditions
Standard Test Condition
a) Tempurature: +5 ~ +35°C
b) Humidity: 45 - 85%
c) Pressure: 860-1060 mbar
Judgement Test Condition
a) Tempurature: +25 ±2°C
b) Humidity: 60 - 70%
c) Pressure: 860-1060 mbar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com