Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763ACD Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST763ACD
Description  3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763ACD Datasheet(HTML) 4 Page - STMicroelectronics

  ST763ACD Datasheet HTML 1Page - STMicroelectronics ST763ACD Datasheet HTML 2Page - STMicroelectronics ST763ACD Datasheet HTML 3Page - STMicroelectronics ST763ACD Datasheet HTML 4Page - STMicroelectronics ST763ACD Datasheet HTML 5Page - STMicroelectronics ST763ACD Datasheet HTML 6Page - STMicroelectronics ST763ACD Datasheet HTML 7Page - STMicroelectronics ST763ACD Datasheet HTML 8Page - STMicroelectronics ST763ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST763A SERIES
4/10
ELECTRICAL CHARACTERISTICS (VCC=5V, IO = 0mA, TA = TMIN to TMAX, unless otherwise specified.)
TYPICAL APPLICATION CIRCUIT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Input Voltage
3.3
11
V
VO
Output Voltage
VCC = 4 to 11V
IO =0 to 300mA
VCC = 4.75 to 11V IO =0 to 500mA
3.135
3.135
3.3
3.3
3.465
3.465
V
V
∆V
O
Line Regulation
0.13
%/V
∆V
O
Load Regulatio
IO = 1 to 500mA
0.005
%/mA
η
Power Efficency
IO =300mA
IO =100mA
88
90
%
%
ISUPPLY Supply Current
ON Mode (Including Switch Current)
OFF Mode
0.6
0.2
2.5
100
mA
µA
VIH
SHDN Input High Threshold
2
V
VIL
SHDN Input Low Threshold
0.25
V
ISHDN
Shutdown Input Leakage
Current
1
µA
VLOCK Under Voltage Lockout
VCC Falling
2.7
3
V
RDS(on) LX On Resistance
ILX=500mA
1
Ω
ILEAK
LX Leakage Current
VCC = 12V
VLX = 0V
10
nA
VREF
Reference Voltage
TA = 25°C
1.18
1.25
1.32
V
∆V
REF
Temeperature Reference
Drift
TA = TMIN to TMAX
50
ppm/°C
fOSC
Switching Frequency
159
200
212.5
KHz
RC
Compensation Pin
Impedance
7500
Ω
CC
SS
REF
SHDN
Vcc
Lx
OUT
GND
+
470 pF
220 µF
1 µF
1500 pF
100 µF
22 µH
Vout
Vin
0.047 µF
STPS330U
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com