Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1144HT Datasheet(PDF) 1 Page - Fox Electronics

Part # F1144HT
Description  TTL TRI-STATE HIGH FREQUENCY CLOCK OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F1144HT Datasheet(HTML) 1 Page - Fox Electronics

  F1144HT Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554
http://www.foxonline.com
© 1998 FOX ELECTRONICS
OUTPUT (Pin 8)
ACTIVE
ACTIVE
High Z
UNITS
MHz
PPM
ºC
V
mA
%
nS
V
mA
TTL
mS
MAX
110.000
+100
+70
+125
+5.5
16
30
60
75
55
60
5
5
0.4
16
-4
10
10
MIN
1.544
-100
-10
-55
+4.5
45
40
2.4
CONDITIONS
All Conditions*
1.4V Level
0.4V to 2.4V
2.4V to 0.4V
IOL = 16 mA
IOH = -4 mA
VOL = 0.4 V
VOH = 2.4 V
RL = 400Ω
PARAMETERS
Frequency Range
(Fo)
Frequency Stability
Temperature
Operating
(TOPR)
Storage
(TSTG)
SupplyVoltage
(VDD)
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
Fall Time
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Inch dimensions shall govern.
All dimensions are in inches & parenthetically in millimeters.
• ELECTRICAL CHARACTERISTICS (Ta = 25
°C, VDD = 5.0V, RL =400W)
FREQUENCY RANGE
1.544 ~ 110.000
1.544 ~ 110.000
1.544 ~ 110.000
1.544 ~ 25.000
25.000+ ~ 50.000
50.000+ ~ 80.000
80.000+ ~ 110.000
1.544 ~ 80.000
80.000+ ~ 110.000
1.544 ~ 110.000
1.544 ~ 110.000
1.544 ~ 110.000
1.544 ~ 110.000
1.544 ~ 110.000
Part Number
F1100HT
F1145HT
F1144HT
• PART NUMBER SELECTION
• ENABLE / DISABLE FUNCTION**
Frequency Stability
±100PPM
±50PPM (to 90 MHz)
±25PPM (to 50 MHz)
INH (Pin 1)
OPEN ***
'1' Level VIH ≥ 2.2 V
'0' Level VIL ≤ 0.8 V
* Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration.
***An internal pullup resistor from pin 1 to pin 14 allows active output if pin 1 is left open.
See page 35 for mechanical specifications, test circuits, and output waveform.
All specifications subject to change without notice. Rev. 6/16/98
Actual Size
The F1100HT Clock Oscillator is designed to drive high frequency
TTL applications (up to 10 TTL gates). This part has a tri-state
enable/disable function on pin 1 to facilitate testing with automatic
test equipment (ATE).
FEATURES
• High Frequency TTL
• Fast Rise/Fall Times
• 45/55 Symmetry (1.544 ~ 80 MHz)
• Tri-state Enable/Disable
TTL TRI-STATE HIGH FREQUENCY CLOCK OSCILLATOR
F1100HT
Pin Connections
#1 E/D **
#8 Output
#7 GND (Case)
#14 +5VDC
Note: -40ºC ~ +85ºC "R" version available
(ex: F1100HTR) to 90 MHz
Discontinued


Similar Part No. - F1144HT

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F1144H FOX-F1144H Datasheet
119Kb / 1P
TTL CLOCK OSCILLATOR
More results

Similar Description - F1144HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
Fox Electronics
F1100H FOX-F1100H Datasheet
119Kb / 1P
TTL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
AC51RA CONNOR-WINFIELD-AC51RA Datasheet
208Kb / 2P
14 PIN DIP CMOS TRI-STATE CLOCK OSCILLATOR
H51RL CONNOR-WINFIELD-H51RL Datasheet
190Kb / 1P
5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
H54RA CONNOR-WINFIELD-H54RA Datasheet
245Kb / 1P
3.3V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
S13R8R CONNOR-WINFIELD-S13R8R Datasheet
66Kb / 1P
TTL COMPATIBLE TRI-STATE OUTPUT
S51RG5 CONNOR-WINFIELD-S51RG5 Datasheet
192Kb / 1P
5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
TTL CLOCK-OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com