Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1145H Datasheet(PDF) 1 Page - Fox Electronics

Part # F1145H
Description  TTL CLOCK OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F1145H Datasheet(HTML) 1 Page - Fox Electronics

  F1145H Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The F1100H Clock Oscillator is TTL compatible. It has been
designed for low current consumption and fast rise time. Its
standard 45/55% symmetry allows it to directly drive
microprocessors that previously used a divide-by-2 stage in
applications up to 50MHz. The package is all metal with pin 7 as
case ground which provides shielding to help minimize EMI
radiation.
FEATURES
• 45/55% Symmetry up to 50MHz
• Fast Rise/Fall Times
• -40°C to 85°C Option
• Low Current Consumption
Model Number
F1100H
F1100HR
F1145H
F1144H
CONDITIONS
All Conditions*
1.4V Level
0.4V to 2.4V
0.4V to 2.4V
0.5V to 2.4V
2.4V to 0.4V
2.4V to 0.5V
IOL = 16 mA
IOL = 4 mA
IOH = -0.4 mA
IOH = -0.2 mA
VOL = 0.4 V
VOL = 0.5 V
VOH = 2.4V
RL = 400W
RL = 2kW
MIN
0.500
-100
-10
-40
-55
+4.5
45
40
2.4
2.4
MAX
80.000
+100
+70
+85
+125
+5.5
13
18
25
55
60
5
8
5
5
5
0.4
0.5
16
4
-0.4
-0.2
-0.2
10
10
5
10
UNITS
MHz
PPM
ºC
V
mA
%
nS
V
mA
TTL
LSTTL
mS
• ELECTRICAL CHARACTERISTICS (VDD=5.0V, RL=noted below, CL=15pF)
FREQUENCY RANGE
0.500 ~ 80.000
0.500 ~ 80.000
0.500 ~ 80.000
0.500 ~ 25.000
25.000+ ~ 50.000
50.000+ ~ 80.000
0.500 ~ 50.000
50.000+ ~ 80.000
0.500 ~ 4.000
4.000+ ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
0.500 ~ 4.000
4.000+ ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
0.500 ~ 25.000
25.000+ ~ 80.000
PARAMETERS
Frequency Range
(Fo)
Frequency Stability
Temperature Range
Operating
(TOPR)
Optional
Storage
(TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
Fall Time
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Frequency Stability
±100PPM (STD -10ºC ~ 70ºC)
±100PPM (-40ºC ~ 85ºC)
±50PPM
±25PPM
TTL CLOCK OSCILLATOR
F1100H
* Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration.
See page 44 for mechanical specifications, test circuits, and output waveform.
All specifications subject to change without notice. Rev. 03/02/00
• MODEL NUMBER SELECTION
All dimensions are in millimeters.
Discontinued


Similar Part No. - F1145H

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F1145HT FOX-F1145HT Datasheet
364Kb / 1P
TTL TRI-STATE HIGH FREQUENCY CLOCK OSCILLATOR
More results

Similar Description - F1145H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
5.0V TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
CMOS/TTL CLOCK-OSCILLATOR
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
TTL CLOCK-OSCILLATOR
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
Hybrid TTL Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com