Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP-2202AS Datasheet(PDF) 1 Page - CUI INC

Part # CEP-2202AS
Description  piezo audio indicator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-2202AS Datasheet(HTML) 1 Page - CUI INC

  CEP-2202AS Datasheet HTML 1Page - CUI INC CEP-2202AS Datasheet HTML 2Page - CUI INC CEP-2202AS Datasheet HTML 3Page - CUI INC CEP-2202AS Datasheet HTML 4Page - CUI INC CEP-2202AS Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part No: CEP-2202AS
Description: piezo audio indicator
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 9/18/2006
Unit: mm
Page No: 1 of 5
Specifications
Resonant frequency
3.0 KHz ± 0.5
Operating voltage
3 ~ 20 V dc
Current consumption
11 mA max.
at 12 V dc
Sound pressure level
85 db min.
at 30 cm / 12 V dc
Rated voltage
12 V dc
Tone
Continuous
Operating temperature
-30 ~ +85° C
Storage temperature
-40 ~ +95° C
Dimensions
ø24.2 x H16.0 mm
Weight
5 g max.
Material
ABS UL-94 1/16” HB High Heat (Black)
Terminal
Pin type (Sn Plating)
RoHS
yes
Appearance Drawing
Tolerance: ±0.5


Similar Part No. - CEP-2202AS

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-2202AS CUI-CEP-2202AS Datasheet
508Kb / 3P
PIEZO BUZZER INDICATOR
11/01/2019
logo
CUI Devices
CEP-2202AS CUID-CEP-2202AS Datasheet
484Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CEP-2202AS CUI-CEP-2202AS_V01 Datasheet
508Kb / 3P
PIEZO BUZZER INDICATOR
11/01/2019
More results

Similar Description - CEP-2202AS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CEP-2242 FREESCALE-CEP-2242 Datasheet
59Kb / 1P
Piezo Audio Indicator
logo
CUI INC
CEP-1136 CUI-CEP-1136 Datasheet
671Kb / 4P
piezo audio indicator
CEP-2202A CUI-CEP-2202A Datasheet
246Kb / 5P
piezo audio indicator
CEP-2242 CUI-CEP-2242 Datasheet
303Kb / 4P
piezo audio indicator
CEP-2260A CUI-CEP-2260A Datasheet
263Kb / 4P
piezo audio indicator
CEP-2272A CUI-CEP-2272A Datasheet
265Kb / 4P
piezo audio indicator
CPE-244 CUI-CPE-244 Datasheet
87Kb / 5P
piezo audio indicator
logo
List of Unclassifed Man...
KPEG267 ETC2-KPEG267 Datasheet
124Kb / 5P
PIEZO AUDIO INDICATOR
KPEG-204A ETC2-KPEG-204A Datasheet
105Kb / 5P
Piezo Audio Indicator
KPEG-272 ETC2-KPEG-272 Datasheet
124Kb / 5P
Piezo Audio Indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com