Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R40C6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST90R40C6
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R40C6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST90R40C6 Datasheet HTML 5Page - STMicroelectronics ST90R40C6 Datasheet HTML 6Page - STMicroelectronics ST90R40C6 Datasheet HTML 7Page - STMicroelectronics ST90R40C6 Datasheet HTML 8Page - STMicroelectronics ST90R40C6 Datasheet HTML 9Page - STMicroelectronics ST90R40C6 Datasheet HTML 10Page - STMicroelectronics ST90R40C6 Datasheet HTML 11Page - STMicroelectronics ST90R40C6 Datasheet HTML 12Page - STMicroelectronics ST90R40C6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Applicable for ST9040
DEC
DEC
HEX
00
00
02
02
03
03
08
08
09
09
10
0A
24
18
63
3F
R255
RFF RESERVED RESERVED
PORT 7
MFT 1
RESERVED
MFT 0
RESERVED
A/D
RFF
R254
RFE
MSPI
PORT 3
RFE
R253
RFD
RFD
R252
RFC
WCR
RFC
R251
RFB
T/WD
RESERVED
RESERVED
RFB
R250
RFA
PORT 2
RFA
R249
RF9
RF9
R248
RF8
MFT
RF8
R247
RF7
EXT INT
RESERVED
PORT 5
MFT 1
SCI
RF7
R246
RF6
PORT1
RF6
R245
RF5
RF5
R244
RF4
RF4
R243
RF3
RESERVED RESERVED
MFT0
RF3
R242
RF2
PORT 0
PORT 4
RF2
R241
RF1 EEPROMCR
RF1
R240
RF0 RESERVED
RF0
Table 1-4. Group F Peripheral Organization
ADDRESS SPACES
®
ST9040
9/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com