Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195B Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST92195B
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST92195B Datasheet HTML 7Page - STMicroelectronics ST92195B Datasheet HTML 8Page - STMicroelectronics ST92195B Datasheet HTML 9Page - STMicroelectronics ST92195B Datasheet HTML 10Page - STMicroelectronics ST92195B Datasheet HTML 11Page - STMicroelectronics ST92195B Datasheet HTML 12Page - STMicroelectronics ST92195B Datasheet HTML 13Page - STMicroelectronics ST92195B Datasheet HTML 14Page - STMicroelectronics ST92195B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
ST92195B - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
AF Outputs or Bidirectional Lines:
– In the case of Outputs or I/Os, AF is selected
explicitly by software.
Example 1: ADC trigger digital input
AF: EXTRG, Port: P4.7, Port Style: Standard I/O.
Write the port configuration bits (for TTL level):
P4C2.7=1
P4C1.7=0
P4C0.7=1
Enable the ADC trigger by software as described
in the ADC chapter.
Example 2: PWM 0 output
AF: PWM0, Port: P4.0
Write the port configuration bits (for output push-
pull):
P4C2.0=0
P4C1.0=1
P4C0.0=1
Example 3: ADC analog input
AF: AIN1, Port : P2.1, Port style: does not apply to
analog inputs
Write the port configuration bits:
P2C2.1=1
P2C1.1=1
P2C0.1=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com