Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163E Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST92163E
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST92163E Datasheet HTML 21Page - STMicroelectronics ST92163E Datasheet HTML 22Page - STMicroelectronics ST92163E Datasheet HTML 23Page - STMicroelectronics ST92163E Datasheet HTML 24Page - STMicroelectronics ST92163E Datasheet HTML 25Page - STMicroelectronics ST92163E Datasheet HTML 26Page - STMicroelectronics ST92163E Datasheet HTML 27Page - STMicroelectronics ST92163E Datasheet HTML 28Page - STMicroelectronics ST92163E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 224 page
background image
25/224
ST92163 - GENERAL DESCRIPTION
20
I2C
R240
I2CCR
I2C Control Register
00
186
R241
I2CSR1
I2C Status Register 1
00
187
R242
I2CSR2
I2C Status Register 2
00
189
R243
I2CCCR
I2C Clock Control Register
00
190
R244
I2COAR1
I2C Own Address Register 1
00
190
R245
I2COAR2
I2C Own Address Register 2
00
191
R246
I2CDR
I2C Data Register
00
191
R247
I2CADR
I2C General Call Address
A0
191
R248
I2CISR
I2C Interrupt Status Register
xx
192
R249
I2CIVR
I2C Interrupt Vector Register
xx
193
R250
I2CRDAP
Receiver DMA Source Addr. Pointer
xx
193
R251
I2CRDC
Receiver DMA Transaction Counter
xx
193
R252
I2CTDAP
Transmitter DMA Source Addr. Pointer
xx
194
R253
I2CTDC
Transmitter DMA Transaction Counter
xx
194
R254
I2CECCR
I2C Extended Clock Control Register
00
194
R255
I2CIMR
I2C Interrupt Mask Register
x0
195
21
MMU
R240
DPR0
Data Page Register 0
00
42
R241
DPR1
Data Page Register 1
01
42
R242
DPR2
Data Page Register 2
02
42
R243
DPR3
Data Page Register 3
83
42
R244
CSR
Code Segment Register
00
43
R248
ISR
Interrupt Segment Register
x0
43
R249
DMASR
DMA Segment Register
x0
43
EXTMI
R245
EMR1
External Memory Register 1
80
95
R246
EMR2
External Memory Register 2
0F
96
24
SCI
R240
RDCPR
Receiver DMA Transaction Counter Pointer
xx
165
R241
RDAPR
Receiver DMA Source Address Pointer
xx
165
R242
TDCPR
Transmitter DMA Transaction Counter Pointer
xx
165
R243
TDAPR
Transmitter DMA Destination Address Pointer
xx
165
R244
S_IVR
Interrupt Vector Register
xx
166
R245
ACR
Address/Data Compare Register
xx
166
R246
IMR
Interrupt Mask Register
x0
167
R247
S_ISR
Interrupt Status Register
xx
43
R248
RXBR
Receive Buffer Register
xx
169
R248
TXBR
Transmitter Buffer Register
xx
169
R249
IDPR
Interrupt/DMA Priority Register
xx
170
R250
CHCR
Character Configuration Register
xx
171
R251
CCR
Clock Configuration Register
00
172
R252
BRGHR
Baud Rate Generator High Reg.
xx
173
R253
BRGLR
Baud Rate Generator Low Register
xx
173
R254
SICR
Synchronous Input Control
03
173
R255
SOCR
Synchronous Output Control
01
174
Page
No.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com