Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC-S5 Datasheet(PDF) 3 Page - CUI INC

Part # FSC-S5
Description  AC-DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSC-S5 Datasheet(HTML) 3 Page - CUI INC

  FSC-S5 Datasheet HTML 1Page - CUI INC FSC-S5 Datasheet HTML 2Page - CUI INC FSC-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/11/2007
Fax: 503-612-2383
Tualatin, OR 97062
20050 SW 112th Ave.
Phone: 503-612-2300
800-275-4899
TOLERANCE:
±0.5mm UNLESS OTHERWISE
A
SPECIFIED
RoHS
Website: www.cui.com
PIN ASSIGNMENTS
1. AC (N)
2. AC (L)
4. -Vout
5. +Vout
PART NO.
1:1
FSC-S5
AC-DC CONVERTER
COPYRIGHT 2007 BY CUI INC.
ZRJ
MM [INCHES]
SCALE:
FSC-S5
PC FILE NAME:
APPROVED BY:
DRAWN BY:
TITLE:
UNITS:
REV:
1
2
5
4
0.2
(2 PLCS)
(4 PLCS)
3.5 0.138
22.2
1.240
0.2
31.5
0.874
61.6 2.425
(2 PLCS)
0.2
0.346
0.843
21.4
72.0 2.835
8.8
17.5 0.689



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com