Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC-S30 Datasheet(PDF) 3 Page - CUI INC

Part # FSC-S30
Description  AC-DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSC-S30 Datasheet(HTML) 3 Page - CUI INC

  FSC-S30 Datasheet HTML 1Page - CUI INC FSC-S30 Datasheet HTML 2Page - CUI INC FSC-S30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
17.5
0.346
116.0 4.567
0.689
8.8
28.0 1.102
SCALE: 1:2
SPECIFIED
Tualatin, OR 97062
Phone: 503-612-2300
20050 SW 112th Ave.
A
±0.5mm UNLESS OTHERWISE
TOLERANCE:
800-275-4899
Fax: 503-612-2383
RoHS
Website: www.cui.com
PIN ASSIGNMENTS
1. FG
2. AC (N)
3. AC (L)
5. +Vout
7. -Vout
1:1
AC-DC CONVERTER
COPYRIGHT 2007 BY CUI INC.
TITLE:
MM [INCHES]
FSC-S30
FSC-S30
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
REV:
2
1
7
3
5
48.26
0.2
1.900
(2 PLCS)
0.2
2.311
(2 PLCS)
4.100
58.7
104.14
3.5 0.138
(4 PLCS)
0.2
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/11/2007



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com