Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK-S10 Datasheet(PDF) 3 Page - CUI INC

Part # FSK-S10
Description  AC-DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S10 Datasheet(HTML) 3 Page - CUI INC

  FSK-S10 Datasheet HTML 1Page - CUI INC FSK-S10 Datasheet HTML 2Page - CUI INC FSK-S10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4 0.157
4 0.157
50 1.969
18 0.709
0.630
16
18 0.709
FSK-S10
AC-DC Converter
1:1
2007 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
FSK-S10
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
JMS
COPYRIGHT
REV:
GND
No Pin
8
SPECIFIED
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
7
5
AC (L)
Website: www.cui.com
RoHS
6
Output 1
Pin Number
Pin Assignments
FG
AC (N)
No Pin
3
Single Output
1
2
4
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
No Pin
Scale 1:2
45 1.772
12 0.472
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/11/2006
Notes:
All dimensions are in mm [inches]
1.
Weight: 90g or less
2.
19.5 0.768
58 2.283
7
3
2IN
1
5
OUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com