Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9293J5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST9293J5
Description  48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9293J5 Datasheet(HTML) 2 Page - STMicroelectronics

  ST9293J5 Datasheet HTML 1Page - STMicroelectronics ST9293J5 Datasheet HTML 2Page - STMicroelectronics ST9293J5 Datasheet HTML 3Page - STMicroelectronics ST9293J5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 1-1. ST9293 Block Diagram
CPU
16-Bit TIMER / WATCHDOG + SPI
SLICE
TIMER
256 Bytes
REGISTER FILE
I/O PORT 0
8
256 to 768
RAM
16 to 48k x 8
ROM
I/O PORT 3
5
ON SCREEN
DISPLAY
PLL
HSYNC
PLLR
PLLF
VSYNC
3
I/O PORT 4
( Analog Inputs )
A/ D
CONVERTER
I/O PORT 2
( SPI )
8
I/O PORT 5
( Control Bus )
( Colour )
7
MEMORY BUS ( Address & Data )
REGISTER BUS ( Address & Data )
VR0B1749
AV
DD
ROM
RAM
J7
48K
768
J5
32K
640
J3
24K
512
J1
16K
256
1.1GENERAL DESCRIPTION
The ST9293 is a ROM member of the ST9 family of
microcontrollers, completely developed and pro-
duced by SGS-THOMSON Microelectronics using
a proprietary n-well HCMOS process.
The ROM parts are fully compatible with their
EPROM versions, which may be used for the pro-
totyping and pre-production phases of develop-
ment, and can be configured as standalone
microcontrollers with 48K/32K/24K/16 bytes of on-
chip ROM.
The nucleus of the ST9293 is the advanced Core
which includes the Central Processing Unit (CPU),
the Register File, a 16-bit Timer/Watchdog with 8-
bit Prescaler, a Serial Peripheral Interface support-
ing S-bus, I
2C-bus and IM-bus Interface, plus two
8-bit I/O ports. The Core has independent memory
and register buses allowing a high degree of pipe-
lining to add to the efficiency of the code execution
speed of the extensive instruction set.The powerful
I/O capabilities demanded by microcontroller appli-
cations are fulfilled by the ST9293 with up to 31/41
I/O lines dedicated to digital Input/Output.
These lines are grouped into up to six I/O Ports and
can be configured on a bit basis under software
control to provide timing, status signals, timer in-
puts and outputs, analog inputs, external interrupts
and serial or parallel I/O.
Three basic memory spaces are available to sup-
port this wide range of configurations: Program
Memory, Data Memory and the Register File,
which includes the control and status registers of
the on-chip peripherals.
The 16-bit Slice Timer with an 8-bit Prescaler and 6
operating modes allows simple use for wavefor-
mgeneration and measurement, PWM functions
and many other system timing functions.
The human interface is provided by the On Screen
Display module, this can produce up to 8 lines of of
up to 34 characters from a ROM defined 128 char-
acter set. The 9x13 character can be modified by 4
different pixel sizes, with character rounding, and
formed into words with colour and format attrib-
utes.
In addition there is a 4 channel Analog to Digital
Converter with integral sample and hold, fast 5.5
µs
conversion time and 6-bit guaranteed resolution.
®
ST9293
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com