Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-I4B20 Datasheet(PDF) 3 Page - CUI INC

Part # CSS-I4B20
Description  magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-I4B20 Datasheet(HTML) 3 Page - CUI INC

  CSS-I4B20 Datasheet HTML 1Page - CUI INC CSS-I4B20 Datasheet HTML 2Page - CUI INC CSS-I4B20 Datasheet HTML 3Page - CUI INC CSS-I4B20 Datasheet HTML 4Page - CUI INC CSS-I4B20 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CSS-I4B20
Description: magnetic buzzer
Date: 11/13/2006
Unit: mm
Page No: 3 of 5
Mechanical Characteristics
Item
Test Condition
Solderability
Lead terminals are immersed in solder bath
of +270 ±5°C for 3 ±1 seconds.
Soldering Heat Resistance
The product follows the reflow temperature
curve to test its reflow thermo stability.
Terminal Mechanical Strength
Lead pads shall be soldered onto the pc
board and the force of 9.8 N (1.0 kg) shall
be applied behind the part for 10 seconds.
Vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
Drop Test
The part is to be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axis (X, Y, Z) for a total of 9 drops.
Evaluation Standard
95% surface of lead pads must
be covered with fresh solder.
No in interference in operation.
No damage or cutting off.
After the test, the part shall meet
specifications without any
damage to the appearance and
the SPL should be within ±10
dBA of the initial SPL.
Environment Test
Item
Test Condition
High temp. test
The part will be subjected to +85°C for
96 hours.
Low temp. test
The part will be subjected to -40°C for
96 hours
Thermal shock
The part will be subjected to 10 cycles. One
cycle will consist of:
Temp./Humidity cycle
The part shall be subjected to 10 cycles. One
cycle will last for 24 hours and consist of:
Evaluation Standard
After the test, the part shall meet
specifications without any
damage to the appearance or
performance and the SPL should
be within ±10 dBA of the initial
SPL.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com