Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBBD7R5 Datasheet(PDF) 1 Page - CUI INC

Part # VBBD7R5
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBBD7R5 Datasheet(HTML) 1 Page - CUI INC

  VBBD7R5 Datasheet HTML 1Page - CUI INC VBBD7R5 Datasheet HTML 2Page - CUI INC VBBD7R5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBBD7R5 series
features
·7.5W Isolated output
·remote on/off option (suffix “-1”)
·efficiency to 82%
·2:1 input range
·regulated outputs
·continuous short circuit protection
·meets EN55022 Class B, conducted
·Pi input filter
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VBBD7R5-D12-S3R3
9-18VDC
3.3VDC
1500mA
7.5mA
557mA
74%
VBBD7R5-D12-S5
9-18VDC
5VDC
1500mA
7.5mA
820mA
76%
VBBD7R5-D12-S12
9-18VDC
12VDC
625mA
7.5mA
780mA
80%
VBBD7R5-D12-S15
9-18VDC
15VDC
500mA
7.5mA
780mA
80%
VBBD7R5-D12-D12
9-18VDC
±12VDC
±310mA
12mA
775mA
80%
VBBD7R5-D12-D15
9-18VDC
±15VDC
±250mA
12mA
780mA
80%
VBBD7R5-D12-D5
9-18VDC
±5VDC
±750mA
7.5mA
820mA
76%
VBBD7R5-D24-S3R3
18-36VDC
3.3VDC
1500mA
5mA
271mA
76%
VBBD7R5-D24-S5
18-36VDC
5VDC
1500mA
5mA
400mA
78%
VBBD7R5-D24-S12
18-36VDC
12VDC
625mA
5mA
380mA
82%
VBBD7R5-D24-S15
18-36VDC
15VDC
500mA
5mA
380mA
82%
VBBD7R5-D24-D12
18-36VDC
±12VDC
±310mA
7.5mA
385mA
81%
VBBD7R5-D24-D15
18-36VDC
±15VDC
±250mA
7.5mA
385mA
81%
VBBD7R5-D24-D5
18-36VDC
±5VDC
±750mA
7.5mA
400mA
78%
VBBD7R5-D48-S3R3
36-72VDC
3.3VDC
1500mA
3mA
136mA
76%
VBBD7R5-D48-S5
36-72VDC
5VDC
1500mA
2mA
200mA
78%
VBBD7R5-D48-S12
36-72VDC
12VDC
625mA
2mA
192mA
81%
VBBD7R5-D48-S15
36-72VDC
15VDC
500mA
2mA
192mA
81%
VBBD7R5-D48-D12
36-72VDC
±12VDC
±310mA
3mA
192mA
81%
VBBD7R5-D48-D15
36-72VDC
±15VDC
±250mA
3mA
192mA
81%
VBBD7R5-D48-5
36-72VDC
±5VDC
±750mA
3mA
200mA
78%


Similar Part No. - VBBD7R5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBBD7322 VBSEMI-VBBD7322 Datasheet
790Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - VBBD7R5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com