Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92R195 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST92R195
Description  ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92R195 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST92R195 Datasheet HTML 10Page - STMicroelectronics ST92R195 Datasheet HTML 11Page - STMicroelectronics ST92R195 Datasheet HTML 12Page - STMicroelectronics ST92R195 Datasheet HTML 13Page - STMicroelectronics ST92R195 Datasheet HTML 14Page - STMicroelectronics ST92R195 Datasheet HTML 15Page - STMicroelectronics ST92R195 Datasheet HTML 16Page - STMicroelectronics ST92R195 Datasheet HTML 17Page - STMicroelectronics ST92R195 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
ST92R195B - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
OSD DAC CHARACTERISTICS
(VDD= 5V +/-10%, TA= 0 to 70°C, unless otherwise specified).
A/D CONVERTER, EXTERNAL TRIGGER TIMING TABLE
(V
DD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified
Symbol
Parameter
Conditio ns
Value
Unit
min
typical
max
Output impedance: FB,R,G,B
300
500
700
Ohm
Output voltage: FB,R,G,B
Cload= 20pF
RL = 100K
code= 111
1.000
V
code= 011
0.459
0.509
V
code= 000
0.025
0.050
V
FB= 1
2.4
3.0
4.0
V
FB= 0
0
0.025
0.050
V
Global voltage accuracy
+/-5
%
Symbol
Parameter
OSCIN divide by
2;min/max
OSCIN divide
by 1; min/max
Value
Unit
min
max
Tlow
Pulse Width
1.5
INTCLK
ns
Thigh
Pulse Distance
ns
Text
Period/fast Mode
78+1
INTCLK
µs
Tstr
Start Conversion Delay
0.5
1.5
INTCLK
Core Clock issued by Timing Controller
Tlow
Pulse Width
ns
Thigh
Pulse Distance
ns
Text
Period/fast Mode
µs
Tstr
Start Conversion Delay
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com